Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6425-TR1G Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6425-TR1G
Descripción Electrónicos  18-28 GHz 1W Power Amplifier in SMT Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6425-TR1G Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMP-6425-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
AMMP-6425 Application and Usage
Recommended quiescent DC bias condition for optimum
power and linearity performances is Vdd=5 volts with Vg
(-1.1V) set for Idq=650 mA. Minor improvements in per-
formance are possible depending on the application.
The drain bias voltage range is 3 to 5V. A single DC gate
supply connected to Vgg will bias all gain stages. Muting
can be accomplished by setting Vgg to the pinch-off
voltage Vp.
A simplified schematic for the AMMP6425 MMIC die is
shown in Figure 12. The MMIC die contains ESD and over
voltage protection diodes for Vg, and Vdd terminals.
The package diagram for the recommended assembly
is shown in Figure 13. In finalized package form, ESD
diodes protect all possible ESD or over voltage damages
between Vgg and ground, Vgg and Vdd, Vdd and ground.
Typical ESD diode current versus diode voltage for 11-
connected diodes in series is shown in Figure 14. Under
the recommended DC quiescent biasing condition at
Vds=5V, Ids=650mA, Vgg=-1V, typical gate terminal
current is approximately 0.3mA. If an active biasing
technique is selected for the AMMP6425 MMIC PA DC
biasing, the active biasing circuit must have more than
10-times higher internal current that the gate terminal
current.
An optional output power detector network is also
provided. The differential voltage between the Det-Ref
and Det-Out pads can be correlated with the RF power
(
)
ofs
ref
V
V
V
V
=
det
emerging from the RF output port. The detected voltage
is given by :
where Vref is the voltage at the DET_R port, Vdet is a
voltage at the DET_0 port, Vofs and is the zero-input-
power offset voltage.
There are three methods to calculate Vofs :
1. Vofs can be measured before each detector
measurement (by removing or switching off the
power source and measuring Vref - Vdet). This method
gives an error due to temperature drift of less than
0.01dB/50°C.
2. Vofs can be measured at a single reference
temperature. The drift error will be less than 0.25dB.
3. Vofs can either be characterized over temperature and
stored in a lookup table, or it can be measured at two
temperatures and a linear fit used to calculate Vofs at
any temperature. This method gives an error close to
the method #1.
The RF ports are AC coupled at the RF input to the first
stage and the RF output of the final stage. No ground
wired are needed since ground connections are made
with plated through-holes to the backside of the device.
dd
V
g
V
Three stage 0.5W power amplifier
in
RF
out
RF
DET_O
DET_R
DQ
Figure 12. Simplified schematic for the MMIC die


Número de pieza similar - AMMP-6425-TR1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425-TR1G AVAGO-AMMP-6425-TR1G Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6425-TR1G AVAGO-AMMP-6425-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6425-TR1G BOARDCOM-AMMP-6425-TR1G Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
More results

Descripción similar - AMMP-6425-TR1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425 Datasheet
663Kb / 7P
   18 - 28 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6420 HP-AMMP-6420 Datasheet
88Kb / 4P
   6-18 GHz 1W Power Amplifier
logo
Broadcom Corporation.
AMMC-6408 BOARDCOM-AMMC-6408 Datasheet
589Kb / 12P
   6-18 GHz 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com