Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADNS-5100-001 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
ADNS-5100-001 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 4 page For product information and a complete list of distributors, please go to our web site: www.avagotech.com Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries. Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0086EN AV02-0115EN - July 31, 2007 Figure 4. Illustration of base plate mounting features Mounting Instructions for the ADNS-5100 Lens to the Base Plate An IGES format drawing file with design specifications for mouse base plate features is available. Note :- Stand-off of the base plate shall not be larger than 5mm as lens surface 7 size is 5.60mm.” These features are useful in maintaining proper positioning and alignment of the ADNS-5100 when used with the Avago Technologies Optical Mouse Sensor. This file can be obtained by contacting your local Avago Technologies sales representative. |
Número de pieza similar - ADNS-5100-001 |
|
Descripción similar - ADNS-5100-001 |