Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6233 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6233
Descripción Electrónicos  18 to 32 GHz GaAs Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6233 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6233 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0666EN
AV02-0489EN - June 12, 2007
Carrier Tape and Pocket Dimensions
Part Number
Devices Per
Container
Container
AMMP-6233-BLKG
10
Antistaticbag
AMMP-6233-TR1G
100
7”Reel
AMMP-6233-TR2G
500
7”Reel
AMMP-6233 Part Number Ordering Information
Note: No rf performance degradation is seen due to esd upto 50v hbm and 200v mm. the dc char-
acteristics in general show increased leakage at lower esd discharge voltages. the user is reminded
that this device is esd sensitive and needs to be handled with all necessary esd protocols.


Número de pieza similar - AMMP-6233

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233-BLKG AVAGO-AMMP-6233-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6233-BLKG BOARDCOM-AMMP-6233-BLKG Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233-TR1G AVAGO-AMMP-6233-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6233-TR1G BOARDCOM-AMMP-6233-TR1G Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
More results

Descripción similar - AMMP-6233

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com