Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-LB17-LP0XX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-LB17-LP0XX
Descripción Electrónicos  Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB17-LP0XX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB17-LP0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17-LP0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
These Precision Optical Performance Oval LEDs are specifi-
cally designed for full color/video and passenger informa-
tion signs. The oval shaped radiation pattern and high
luminous intensity ensure that these devices are excellent
for wide field of view outdoor applications where a wide
viewing angle and readability in sunlight are essential.
These lamps have very smooth, matched radiation pat-
terns ensuring consistent color mixing in full color applica-
tions, message uniformity across the viewing angle of the
sign. High efficiency LED material is used in these lamps:
Aluminum Indium Gallium Phosphide (AlInGaP II) for red
and Indium Gallium Nitride for blue and green. Each lamp
is made with an advanced optical grade epoxy offering
superior high temperature and high moisture resistance
in outdoor applications.
The package epoxy contains both UV-A and UV-B inhibi-
tors to reduce the effects of long term exposure to direct
sunlight.
HLMP-LD15, HLMP-LM17, HLMP-LB17
Precision Optical Performance Red, Green and Blue
4mm Standard Oval LEDs
Data Sheet
Features
• Well defined spatial radiation pattern
• High brightness material
• Available in red, green and blue color.
- Red AlInGaP 630mm
- Green InGaN 525nm
- Blue InGaN 470nm
• Superior resistance to moisture
• Tinted and diffused
Benefits
• Viewing angle designed for wide filed of view applica-
tions
• Superior performance for outdoor environments
Applications
• Full color signs
• Commercial outdoor advertising.
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.


Número de pieza similar - HLMP-LB17-LP0XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-FJ0XX AVAGO-HLMP-LB11-FJ0XX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-HJCXX AVAGO-HLMP-LB11-HJCXX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-HL0XX AVAGO-HLMP-LB11-HL0XX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-JKCXX AVAGO-HLMP-LB11-JKCXX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
More results

Descripción similar - HLMP-LB17-LP0XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-LM65 AVAGO-HLMP-LM65 Datasheet
252Kb / 10P
   Precision Optical Performance Green and Blue New 4mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com