Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-5024-W10 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-5024-W10
Descripción Electrónicos  30 KHz-40GHz Traveling Wave Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5024-W10 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMC-5024-W10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image

Figure 1. AMMC-5024 Schematic.
GND
Drain Bias
(Vdd)
Nine Identical
Vdd AUX
Second Gate
First Gate
Bias (Vg1)
RF_Input
DET_OUT
RF_Output
DET_BIAS
DET_REF
Figure 20. AMMC-5024 Bonding Pad Locations. (dimensions in micrometers)
Thechipis100µmthickandshouldbehandledwith
care.
ThisMMIChasexposedairbridgesonthetopsurface.
Handleatedgesorwithacustomcollet(donotpickup
diewithvacuumondiecenter.)
ThisMMICisalsostaticsensitiveandESDhandlingprecau-
tionsshouldbetaken.
Formoredetailedinformation,seeAvagoApplication
Note54“GaAsMMICESD,DieAttachandBondingGuide-
lines.”
Notes:
1. Ablebond84-1LM1silverepoxyisrecommended.
2. Buckbee-MearsCorporation,St.Paul,MN,800-262-
3824
1050
960
RF INPUT
235
0
RF Output
90
733
90
2350
0 165
415550
830
Vg1
Vdd_AUX
DET_Bias
Vdd
2260
GND
1270
DET_Output
DET_Reference
Vg2
485
2250
2080
GND


Número de pieza similar - AMMC-5024-W10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMC-5024-W10 BOARDCOM-AMMC-5024-W10 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
More results

Descripción similar - AMMC-5024-W10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
   30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Communications & Power ...
VTX-6389A2 CPI-VTX-6389A2 Datasheet
90Kb / 2P
   1.2 kW, CW Traveling-Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com