Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-HD61-TXTZZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-HD61-TXTZZ
Descripción Electrónicos  Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD61-TXTZZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HD61-TXTZZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61-TXTZZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Intensity Bin Limit Table (1.2: 1 Iv Bin Ratio)
Blue Color Bin Table
Green Color Bin Table
VF bin Table (V at 20mA)
Red Color Range
Tolerance for each bin limit is ± 0.5nm
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representative for further information.
Tolerance for each bin limit is ± 0.5nm
Tolerance for each bin limit is ± 0.5 nm
Tolerance for each bin limit is ± 0.05
Tolerance for each bin limit is ± 15%
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440 0.0297
0.1766
0.0966
0.1818 0.0904
0.1374
0.0374
2
464.0
468.0
0.1374 0.0374
0.1699
0.1062
0.1766 0.0966
0.1291
0.0495
3
468.0
472.0
0.1291 0.0495
0.1616
0.1209
0.1699 0.1062
0.1187
0.0671
4
472.0
476.0
0.1187 0.0671
0.1517
0.1423
0.1616 0.1209
0.1063
0.0945
5
476.0
480.0
0.1063 0.0945
0.1397
0.1728
0.1517 0.1423
0.0913
0.1327
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax
1
520.0
524.0
0.0743 0.8338
0.1856
0.6556
0.1650 0.6586
0.1060
0.8292
2
524.0
528.0
0.1060 0.8292
0.2068
0.6463
0.1856 0.6556
0.1387
0.8148
3
528.0
532.0
0.1387 0.8148
0.2273
0.6344
0.2068 0.6463
0.1702
0.7965
4
532.0
536.0
0.1702 0.7965
0.2469
0.6213
0.2273 0.6344
0.2003
0.7764
5
536.0
540.0
0.2003 0.7764
0.2659
0.6070
0.2469 0.6213
0.2296
0.7543
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
622
634
0.6904 0.3094 0.6945 0.2888
0.6726 0.3106 0.7135 0.2865
Bin ID
Min.
Max.
VA
2.0
2.2
VB
2.2
2.4
VC
2.4
2.6
Bin
Intensity (mcd) at 20 mA
Min
Max
Q
460
550
R
550
660
S
660
800
T
800
960
U
960
1150
V
1150
1380
W
1380
1660
X
1660
1990
Y
1990
2400
Z
2400
2900
1
2900
3500
2
3500
4200
3
4200
5040


Número de pieza similar - HLMP-HD61-TXTZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD55-NR0XX AVAGO-HLMP-HD55-NR0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HD57-NR0XX AVAGO-HLMP-HD57-NR0XX Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results

Descripción similar - HLMP-HD61-TXTZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com