Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-RM11-M0000 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-RM11-M0000
Descripción Electrónicos  4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-RM11-M0000 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-RM11-M0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-RM11-M0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-RM11-M0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-RM11-M0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-RM11-M0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-RM11-M0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-RM11-M0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Blue
Color Range (nm)
Bin ID
Min.
Max.
1460.0
464.0
2464.0
468.0
3468.0
472.0
4472.0
476.0
5476.0
480.0
Color Bin Limits (nm at 20 mA)
Tolerance for each bin limit is
± 2 nm.
Note:
1. All bin categories are established for
classification of products. Products may not be
available in all bin categories. Please contact
your Avago representatives for further
information.
Green
Color Range (nm)
Bin ID
Min.
Max.
1520.0
524.0
2524.0
528.0
3528.0
532.0
4532.0
536.0
5536.0
540.0
Tolerance for each bin limit is
± 0.5 nm.
Amber
Color Range (nm)
Bin ID
Min.
Max.
1584.5
587.0
2587.0
589.5
4589.5
592.0
6592.0
594.5
Tolerance for each bin limit is
± 0.5 nm.
Intensity Bin Limits (mcd at 20 mA)
Bin Name
Min.
Max.
Bin Name
Min.
Max.
D65
85
J
240
310
E85
110
K
310
400
F
110
140
L
400
520
G
140
180
M
520
680
H
180
240
Tolerance for each bin limit is
± 15%.
Note:
1. Bin categories are established for classification of products. Products may not be available in
all bin categories.
6


Número de pieza similar - HLMP-RM11-M0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-RM11-M0000 HP-HLMP-RM11-M0000 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
More results

Descripción similar - HLMP-RM11-M0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com