Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6232 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6232
Descripción Electrónicos  18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6232 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6232 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

AMMP-6232
8 to 32 GHz GaAs High Linearity LNA in SMT Package
Data Sheet
Features
• SurfaceMountPackage,5.0x5.0x1.25mm
• SinglePowerSupplyPin
• UnconditionallyStable
• 50OhmInputandOutputMatch
Specifications (Vdd = 4.0V, Idd = 138mA)
• RFFrequencies:18-32GHz
• HighOutputIP3:29dBm
• HighSmall-SignalGain:23dB
• TypicalNoiseFigure:3dB
Applications
• MicrowaveRadiosystems
• SatelliteVSAT,DBSUp/DownLink
• LMDS&Pt-PtmmWLongHaul
• BroadbandWirelessAccess
(including802.16and802.20WiMax)
• WLLandMMDSloops
• Commercialgrademilitary
Note:
1. ThisMMICusesdepletionmodepHEMTdevices.
2. Negativevoltageisusedforthegatebias
Description
Avago’s AMMP-6232 is an easy-to-use broadband, high
gain,highlinearityLowNoiseAmplifierinasurfacemount
package. The wide band and unconditionally stable
performancemakesthisMMICidealasaprimaryorsub-
sequentiallownoiseblockoratransmitterdriver.TheMMIC
has4gainstagesandrequiresa4V,138mApowersupply
foroptimalperformance.SincethisMMICcoversseveral
bands,itcanreducepartinventoryandincreasevolume
purchase options The MMIC is fabricated using PHEMT
technology. The surface mount package eliminates the
needof“chip&wire”assemblyforlowercost.ThisMMICis
fullySMTcompatiblewithbacksidegroundingandI/Os.
Pin Connections (Top View)
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1A)
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control
Pin
Function
1
2
Vdd
3
4
RFout
5
6
7
8
RFin
Topview
Packagebase:GND
1
2
3
4
5
6
7
8
Vg
100pF
100pF


Número de pieza similar - AMMP-6232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232-BLKG AVAGO-AMMP-6232-BLKG Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232-BLKG AVAGO-AMMP-6232-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6232-BLKG BOARDCOM-AMMP-6232-BLKG Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
More results

Descripción similar - AMMP-6232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
VMMK-2403 AVAGO-VMMK-2403 Datasheet
768Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2403 BOARDCOM-VMMK-2403 Datasheet
819Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com