Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6222 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6222
Descripción Electrónicos  7 to 21 GHz GaAs High Linearity LNA in SMT Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6222 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMP-6222 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
0
The AMMP Packaged Devices are compatible with high
volume surface mount PCB assembly processes.
The PCB material and mounting pattern, as defined in
the data sheet, optimizes RF performance and is strongly
recommended. An electronic drawing of the land pattern
is available upon request from Avago Sales & Application
Engineering.
Recommended SMT Attachment for 5x5 Package
Figure 23a. Suggested PCB Land Pattern and Stencil Layout
Figure 23b. Stencil Outline Drawing (mm)
Figure 23c. Combined PCB and Stencil Layouts


Número de pieza similar - AMMP-6222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222-BLKG AVAGO-AMMP-6222-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6222-BLKG BOARDCOM-AMMP-6222-BLKG Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222-TR1G AVAGO-AMMP-6222-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6222-TR1G BOARDCOM-AMMP-6222-TR1G Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
More results

Descripción similar - AMMP-6222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
VMMK-2403 AVAGO-VMMK-2403 Datasheet
768Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2403 BOARDCOM-VMMK-2403 Datasheet
819Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
AMMC-6222 BOARDCOM-AMMC-6222 Datasheet
1Mb / 12P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com