Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-6345-W10 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-6345-W10
Descripción Electrónicos  20 - 45 GHz Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6345-W10 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6345-W10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
The AMMC-6345 MMIC is a broadband medium power
amplifier designed for use in driving stage for transmit-
ters that operate in various frequency bands between
20GHz and 45GHz. It can be used as a driver stage for
the AMMC-6425, 6430 and 6440 (18-27GHz, 25-32GHz
and 37-42GHz) 1W MMIC power amplifiers when linear
operation is required. At 40GHz, it provides 24dBm of
output power (P-1dB), 20dB of gain, and a 32 dBm out-
put third order intercept (OIP3). The device has input and
output matching circuitry for use in 50
Ω environments.
The AMMC-6345 integrates a temperature compensated
RF power detection circuit that enables power detection
of 0.8V/W at 40GHz. The device operates on 5V for cur-
rent supply (negative voltage only needed for Vg). It is
fabricated in a PHEMT process for exceptional power and
gain performance. For improved reliability and moisture
protection, the die is passivated at the active areas.
AMMC-6345 Absolute Maximum Ratings[1]
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
Symbol
Parameters/Conditions
Units
Min.
Max.
Vd
Positive Drain Voltage
V
7
Vg
Gate Supply Voltage
V
-3
0.5
Id
Drain Current
mA
700
Pin
CW Input Power
dBm
23
Tch
Operating Channel Temp.
°C
+150
Tstg
Storage Case Temp.
°C
-65
+150
Tmax
Maximum Assembly Temp (60 sec max) °C
+300
Chip Size: 2500 x 1150
µm (100 x 69 mils)
Chip Size Tolerance: ± 10
µm (±0.4 mils)
Chip Thickness: 100 ± 10
µm (4 ± 0.4 mils)
Pad Dimensions: 100 x 100
µm (4 ± 0.4 mils)
Features
• Wide frequency range: 20 - 45 GHz
• High gain: 20 dB
• Power: @40 GHz, P-1dB=24 dBm
• Highly linear: OIP3=32dBm
• Integrated RF power detector
• 5.0 Volt, -0.55 Volt, 480mA operation
Applications
• Microwave Radio systems
• Satellite VSAT and DBS systems
• LMDS & Pt-Pt mmW Long Haul
• 802.16 & 802.20 WiMax BWA
• WLL and MMDS loops
• Commercial grade military
• Can be driver amplifier for the AMMC-64xx power
amplifiers
AMMC-6345
20 – 45 GHz Driver Amplifier
Data Sheet
Note: these devices are esd seNsitive. the followiNg precautioNs are stroNgly recommeNded.
eNsure that aN esd approved carrier is used wheN dice are traNsported from oNe destiNatioN
to aNother. persoNal grouNdiNg is to be worN at all times wheN haNdliNg these devices


Número de pieza similar - AMMC-6345-W10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMC-6345-W10 BOARDCOM-AMMC-6345-W10 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
More results

Descripción similar - AMMC-6345-W10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com