Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-5024-TR1G Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-5024-TR1G
Descripción Electrónicos  30kHz - 40 GHz Traveling Wave Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5024-TR1G Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMP-5024-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
0
Part Number Ordering Information
Part Number
Devices per Container
Container
AMMP-5024-BLKG
0
Antistatic Bag
AMMP-5024-TRG
00
7”Reel
AMMP-5024-TR2G
500
7”Reel
Carrier Tape and Pocket Dimensions
Device Orientation (Top View)


Número de pieza similar - AMMP-5024-TR1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024-TR1G AVAGO-AMMP-5024-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5024-TR1G BOARDCOM-AMMP-5024-TR1G Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
More results

Descripción similar - AMMP-5024-TR1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com