Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-5040 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-5040
Descripción Electrónicos  20-45 GHz GaAs Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5040 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AMMC-5040
20–45 GHz GaAs Amplifier
Data Sheet
Description
The AMMC-5040 is a high gain broadband amplifier
designed for both military applications and commercial
communication systems. This four-stage amplifier has
input and output matching circuitry for use in 50 ohm
environments. It is fabricated using PHEMT integrated
circuit structures that provide exceptional broadband
performance. The backside of this chip is both RF and DC
ground. This simplifies the assembly process and reduces
assembly related performance variations and costs. For
improved reliability and moisture protection, the die is
passivated at the active areas.This MMIC is a cost effective
alternative to hybrid (discrete-FET) amplifiers that require
complex tuning and assembly process.
Features
• Frequency range: 20– 45 GHz
• High gain: 25 dB
• Gain flatness: ±1.5 dB
• Return loss:
Input: 17 dB, Output: 11 dB
• Output power:
P
-1dB = 21 dBm at 38 GHz
P
-3dB = 22.5 dBm at 38 GHz
Applications
• Broadband gain block
• Broadband driver amplifier
• Point-to-point radio
• LMDS
• EW
• Instrumentation
• Frequency Multiplier (X2 and X3)
Absolute Maximum Ratings[1]
Symbol
Parameters/Conditions
Units
Min.
Max.
V
D1,2-3-4
Drain Voltage
V
5
V
G1,2-3-4
Gate Voltage
V
-3.0
0.5
I
DD
Total Drain Current
mA
550
P
in
CW Input Power
dBm
21
T
ch
Operating Channel Temperature
°C
+160
T
b
Operating Backside Temperature °C
-55
+75
T
stg
Storage Temperature
°C
-65
+165
T
max
Max. Assembly Temp (60 sec max) °C
+300
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to this device.
Chip Size:
1720 x 760 µm (67.7 x 29.9 mils)
Chip Size Tolerance: ±10 µm (±0.4 mils)
Chip Thickness:
100 ± 10 µm (4 ± 0.4 mils)
Pad Dimensions:
75 x 75 µm (3 ±0.4 mils)


Número de pieza similar - AMMC-5040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
   20??5 GHz GaAs Amplifier
More results

Descripción similar - AMMC-5040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
   20??5 GHz GaAs Amplifier
logo
Tyco Electronics
MAAPSM0015 MACOM-MAAPSM0015 Datasheet
158Kb / 3P
   DC-20 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
122Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com