Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-5040-W50 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMC-5040-W50
Descripción Electrónicos  20-45 GHz GaAs Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5040-W50 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMC-5040-W50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040-W50 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
AMMC-5040 Typical Scattering Parameters[1] (T
chuck = 25°C, VDD = 4.5 V, IDD = 350 mA, Zin = Zout = 50Ω)
Freq.
S
11
S
1
S
1
S

GHz
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
17.045
-15.90
0.160
-111
13.73
4.857
45
-61.03
0.001
168
-4.89
0.569
162
18.045
-16.10
0.157
-120
19.07
8.981
3
-59.90
0.001
148
-4.99
0.565
135
19.045
-16.50
0.150
-129
23.92
15.696
-46
-59.17
0.001
142
-5.06
0.558
98
20.045
-17.08
0.140
-138
27.37
23.362
-101
-59.17
0.001
142
-6.08
0.496
51
21.045
-17.41
0.135
-149
28.96
28.054
-153
-57.08
0.001
131
-8.51
0.375
4
22.045
-18.78
0.115
-156
29.01
28.221
163
-56.48
0.002
129
-11.29
0.273
-35
23.045
-20.82
0.091
-159
28.73
27.316
125
-54.47
0.002
110
-13.84
0.203
-63
24.045
-21.45
0.085
-160
28.65
27.069
90
-54.94
0.002
101
-16.02
0.158
-80
25.045
-21.92
0.080
-160
28.56
26.789
56
-54.94
0.002
93
-18.15
0.124
-81
26.045
-21.45
0.085
-160
28.55
26.759
22
-55.35
0.002
73
-19.22
0.109
-74
27.045
-20.21
0.098
-156
28.13
25.497
-11
-54.46
0.002
67
-17.68
0.131
-67
28.045
-18.06
0.125
-168
27.69
24.224
-43
-57.03
0.001
54
-15.15
0.175
-73
29.045
-17.86
0.128
174
26.95
22.266
-72
-58.31
0.001
27
-13.32
0.216
-84
30.045
-18.39
0.120
164
26.21
20.450
-99
-67.65
0.000
39
-11.78
0.258
-98
31.045
-19.04
0.112
155
25.65
19.164
-124
-63.27
0.001
85
-11.03
0.281
-113
32.045
-20.32
0.096
148
25.17
18.142
-148
-63.18
0.001
92
-10.68
0.293
-127
33.045
-21.10
0.088
140
24.88
17.541
-174
-59.22
0.001
91
-11.06
0.280
-144
34.045
-23.60
0.066
144
24.53
16.846
164
-62.19
0.001
120
-11.85
0.256
-155
35.045
-25.31
0.054
143
24.49
16.767
141
-57.76
0.001
109
-12.74
0.231
-163
36.045
-30.41
0.030
160
24.81
17.394
117
-54.43
0.002
85
-13.14
0.220
-170
37.045
-27.92
0.040
176
25.38
18.567
90
-57.60
0.001
78
-13.17
0.220
177
38.045
-25.80
0.051
178
25.75
19.376
61
-55.00
0.002
73
-13.64
0.208
162
39.045
-24.94
0.057
168
25.56
18.956
31
-54.00
0.002
86
-14.93
0.179
146
40.045
-25.03
0.056
167
25.03
17.850
3
-51.42
0.003
68
-15.86
0.161
131
41.045
-26.05
0.050
164
24.59
16.970
-23
-52.75
0.002
63
-16.32
0.153
117
42.045
-27.13
0.044
168
24.45
16.696
-50
-51.37
0.003
54
-14.81
0.182
104
43.045
-29.59
0.033
-171
24.29
16.386
-78
-51.37
0.003
45
-13.01
0.224
84
44.045
-29.99
0.032
-139
24.07
15.984
-107
-51.39
0.003
43
-11.47
0.267
63
45.045
-26.40
0.048
-123
23.89
15.652
-136
-52.38
0.002
41
-9.86
0.322
44
46.045
-24.89
0.057
-112
23.32
14.648
-166
-49.39
0.003
22
-7.99
0.398
24
47.045
-18.50
0.119
-103
23.14
14.361
165
-50.47
0.003
18
-7.07
0.443
7
48.045
-13.21
0.219
-106
22.81
13.814
134
-52.77
0.002
17
-6.17
0.492
-8
49.045
-9.10
0.351
-113
22.15
12.804
101
-53.15
0.002
6
-5.41
0.537
-22
50.000
-5.48
0.532
-124
21.30
11.608
69
-55.92
0.002
13
-4.88
0.570
-34
Note:
1. Data obtained from on-wafer measurements.


Número de pieza similar - AMMC-5040-W50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
   20??5 GHz GaAs Amplifier
More results

Descripción similar - AMMC-5040-W50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
   20??5 GHz GaAs Amplifier
logo
Tyco Electronics
MAAPSM0015 MACOM-MAAPSM0015 Datasheet
158Kb / 3P
   DC-20 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
122Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com