Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1084-15TU3UF Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

No. de pieza G1084-15TU3UF
Descripción Electrónicos  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GMT [Global Mixed-mode Technology Inc]
Página de inicio  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-15TU3UF Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

  G1084-15TU3UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G1084-XX
Global Mixed-mode Technology Inc.
TO-263T (TU) Package
DIMENSIONS IN MILLIMETER
DIMENSIONS IN INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.750
2.000
2.250
0.069
0.079
0.089
B
0.880
1.280
1.680
0.345
0.050
0.066
b
1.255
1.295
1.335
0.049
0.051
0.053
c
0.381
0.406
0.431
0.015
0.016
0.017
c1
0.356
0.406
0.456
0.014
0.016
0.018
D
9.660
10.160
10.660
0.380
0.400
0.420
D1
6.900 REF
0.272 REF
E
8.380
8.680
8.980
0.330
0.342
0.354
e
-----
2.540
-----
-----
0.100
-----
e1
-----
5.080
-----
-----
0.200
-----
L
13.74
14.240
14.740
0.541
0.561
0.580
L1
-----
4.280
-----
-----
0.169
-----
L2
2.290
2.540
2.790
0.090
0.100
0.110
L3
-----
-----
1.778
-----
-----
0.070
V
-----
7.280
-----
-----
0.287
-----
Taping Specification
PACKAGE
Q’TY/REEL
TO-252
2,500 ea
TO-263
800 ea
TO-263T
1,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
TO-252 Package Orientation
Feed Direction
TO-263/TO-263T Package Orientation
Feed Direction
TO-252 Package Orientation
Feed Direction
TO-263/TO-263T Package Orientation
D
E
B
L3
e1
e
b
L
L1
V
A
c1
L2
c
D1
D
E
B
L3
e1
e
b
L
L1
V
A
c1
L2
c
D1


Número de pieza similar - G1084-15TU3UF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G1084-15T43U GMT-G1084-15T43U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
G1084-15T53U GMT-G1084-15T53U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

Descripción similar - G1084-15TU3UF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com