Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KK74ACT32 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

No. de pieza KK74ACT32
Descripción Electrónicos  Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT32 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74ACT32 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT32 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT32 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT32 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT32 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74ACT32
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =4.5 V
VCC =5.5 V
0
0
10
8.0
ns/V
* V
IN
from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Número de pieza similar - KK74ACT32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KK74ACT323 KODENSHI-KK74ACT323 Datasheet
404Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
KK74ACT323DW KODENSHI-KK74ACT323DW Datasheet
404Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
KK74ACT323N KODENSHI-KK74ACT323N Datasheet
404Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
More results

Descripción similar - KK74ACT32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT32 IKSEMICON-IN74ACT32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC32 INTEGRAL-IN74AC32 Datasheet
141Kb / 4P
   QUAD 2-INPUT OR GATE High-Speed Silicon-Gate CMOS
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT86 KODENSHI-KK74ACT86 Datasheet
209Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74AC86 KODENSHI-KK74AC86 Datasheet
210Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT86 IKSEMICON-IN74ACT86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4071B ETC1-IW4071B Datasheet
102Kb / 4P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com