Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL530NLPBF Datasheet(PDF) 10 Page - International Rectifier

No. de pieza IRL530NLPBF
Descripción Electrónicos  HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRL530NLPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRL530NLPBF Datasheet HTML 3Page - International Rectifier IRL530NLPBF Datasheet HTML 4Page - International Rectifier IRL530NLPBF Datasheet HTML 5Page - International Rectifier IRL530NLPBF Datasheet HTML 6Page - International Rectifier IRL530NLPBF Datasheet HTML 7Page - International Rectifier IRL530NLPBF Datasheet HTML 8Page - International Rectifier IRL530NLPBF Datasheet HTML 9Page - International Rectifier IRL530NLPBF Datasheet HTML 10Page - International Rectifier IRL530NLPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRL530NS/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 07/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Número de pieza similar - IRL530NLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL530NLPBF IRF-IRL530NLPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
More results

Descripción similar - IRL530NLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL2910PBF IRF-IRL2910PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.026廓 , ID = 55A )
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
IRFR120PBF IRF-IRFR120PBF Datasheet
2Mb / 10P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com