Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8203 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8203
Descripción Electrónicos  Dual-Channel Audio Difference Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8203 Datasheet(HTML) 3 Page - Analog Devices

  AD8203 Datasheet HTML 1Page - Analog Devices AD8203 Datasheet HTML 2Page - Analog Devices AD8203 Datasheet HTML 3Page - Analog Devices AD8203 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Technical Data
AD8273
Rev. PrA| Page 3 of 4
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
TBD
Output Short-Circuit Current
Indefinite
Input Voltage (Common Mode)
TBD
Differential Input Voltage
TBD
Storage Temperature Range
−65°C to +130°C
Specified Temperature Range
−40°C to +85°C
Thermal Resistance θJA
120 °C/W
Thermal Resistance θJC
36 °C/W
Package Glass Transition Temperature (TG)
130°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions may affect device reliability.
Maximum Power Dissipation
The maximum safe power dissipation for the AD8273 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 130°C, which is the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric
performance of the amplifiers. Exceeding a temperature of
130°C for an extended period can result in a loss of
functionality.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - AD8203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8203 AAVID-AD8203 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8203 AAVID-AD8203 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Descripción similar - AD8203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
logo
Shenzhen Huazhimei Semi...
HM4809 HMSEMI-HM4809 Datasheet
626Kb / 7P
   dual channel audio power amplifier
logo
Guangdong Youtai Semico...
LM833 UMW-LM833 Datasheet
866Kb / 5P
   Dual channel audio operational amplifier
logo
Unisonic Technologies
PC1316 UTC-PC1316_15 Datasheet
213Kb / 4P
   DUAL CHANNEL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com