Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4094M Datasheet(PDF) 6 Page - Harris Corporation |
|
CD74HC4094M Datasheet(HTML) 6 Page - Harris Corporation |
6 / 8 page 6 Data Set-up Time tSU 2 50 - 65 - 75 - ns 4.5 10 - 13 - 15 - ns 6 9 -11-13 - ns Data Hold Time tH 2 3 -3-3- ns 4.5 3 - 3 - 3 - ns 6 3 -3-3- ns STR Set-up Time tSU 2 100 - 125 - 150 - ns 4.5 20 - 25 - 30 - ns 6 17 - 21 - 26 - ns STR Hold Time tH 2 0 -0-0- ns 4.5 0 - 0 - 0 - ns 6 0 -0-0- ns Maximum CP Frequency fCL (MAX) 2 6 -5-4- MHz 4.5 30 - 24 - 20 - MHz 6 35 - 28 - 24 - MHz HCT TYPES CP Pulse Width tW 4.5 16 - 20 - 24 - ns STR Pulse Width tWH 4.5 16 - 20 - 24 - ns Data Set-up Time tSU 4.5 10 - 13 - 15 - ns Data Hold Time tH 4.5 4 - 4 - 4 - ns STR Set-up Time tSU 4.5 20 - 25 - 30 - ns STR Hold Time tH 4.5 0 - 0 - 0 - ns Maximum CP Frequency fCL (MAX) 4.5 30 - 24 - 20 - MHz Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay Time (Figure 1) tPLH, tPHL CL = 50pF 2 - - 150 - 190 - 225 ns CP to QS1 4.5 - - 30 - 38 - 45 ns CL =15pF 5 - 12 - - - - - ns CL = 50pF 6 - - 26 - 33 - 38 ns CP to QS2 tPLH, tPHL CL = 50pF 2 - - 135 - 170 - 205 ns 4.5 - - 27 - 34 - 41 ns CL =15pF 5 - 11 - - - - - ns CL = 50pF 6 - - 23 - 29 - 35 ns CP to Qn tPLH, tPHL CL = 50pF 2 - - 195 - 245 - 295 ns 4.5 - - 39 - 49 - 59 ns 5 - 16 - - - - - ns 6 - - 33 - 42 - 50 ns STR to Qn tPLH, tPHL CL = 50pF 2 - - 180 - 225 - 270 ns 4.5 - - 36 - 45 - 54 ns 6 - - 31 - 38 - 46 ns Prerequisite for Switching Specifications (Continued) CHARACTERISTIC SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN MAX MIN MAX MIN MAX CD74HC4094, CD74HCT4094 |
Número de pieza similar - CD74HC4094M |
|
Descripción similar - CD74HC4094M |