Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KK1207 Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

No. de pieza KK1207
Descripción Electrónicos  specifically designed for LED and LED DISPLAY derivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK1207 Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

Back Button KK1207 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 7Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 8Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 9Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 10Page - KODENSHI_AUK CORP. KK1207 Datasheet HTML 11Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3
TECHNICAL DATA KK
KK1207
PIN DESCRIPTION
Pin Name
OSC
DIN
CLK
STB
VDD
SG1 to SG9
SG10/GR7 to
SG12/GR5
GND
GR4 to GR1
I/O
I
I
I
I
-
O
O
-
O
Description
Pin No.
Oscillator Input Pin.
A resistor is connected to this pin and GND.
1
Data Input Pin.
This pin inputs serial data at the rising edge of
the shift clock (staring from the lower bit)
2
Clock Input Pin.
Rising edge trigger.
3
Strobe pin for Serial Interface.
The data input after the STB has fallen is
processed as a command.
When this pin is “HIGH”, CLK is ignored.
4
Power Supply
5,18
Segment Output Pins(p-channel, open drain)
6~14
Segment Output Pin/ Grid Output Pin
(CMOS Output)
15~17
Ground Pin
19,24
Grid Output Pins (n-channel, open drain)
20~23


Número de pieza similar - KK1207

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ZHEJIANG HUAJING RECTIF...
KK1200A HUAJING-KK1200A Datasheet
196Kb / 3P
   Fast Turn-off Thyhristor
logo
Shenzhen Luguang Electr...
KK1200A LUGUANG-KK1200A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
More results

Descripción similar - KK1207

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LD1207 ETC1-LD1207 Datasheet
319Kb / 17P
   The LD1207 is specifically designed for LED DISPLAY drivers
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
Lumins Inc.
PR2228 LUMINIS-PR2228 Datasheet
384Kb / 3P
   LED heat sink specifically designed to optimize heat dissipation
TR1750 LUMINIS-TR1750 Datasheet
511Kb / 3P
   LED heat sink specifically designed to optimize heat dissipation
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
   Specifically designed for Automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com