Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC166DG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza SN74HC166DG4
Descripción Electrónicos  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74HC166DG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC166DG4 Datasheet HTML 1Page - Texas Instruments SN74HC166DG4 Datasheet HTML 2Page - Texas Instruments SN74HC166DG4 Datasheet HTML 3Page - Texas Instruments SN74HC166DG4 Datasheet HTML 4Page - Texas Instruments SN74HC166DG4 Datasheet HTML 5Page - Texas Instruments SN74HC166DG4 Datasheet HTML 6Page - Texas Instruments SN74HC166DG4 Datasheet HTML 7Page - Texas Instruments SN74HC166DG4 Datasheet HTML 8Page - Texas Instruments SN74HC166DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN54HC166, SN74HC166
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS117D − DECEMBER 1982 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
These parallel-in or serial-in, serial-out registers feature gated clock (CLK, CLK INH) inputs and an overriding
clear (CLR) input. The parallel-in or serial-in modes are established by the shift/ load (SH/LD) input. When high,
SH/LD enables the serial (SER) data input and couples the eight flip-flops for serial shifting with each clock
(CLK) pulse. When low, the parallel (broadside) data inputs are enabled, and synchronous loading occurs on
the next clock pulse. During parallel loading, serial data flow is inhibited. Clocking is accomplished on the
low-to-high-level edge of CLK through a 2-input positive-NOR gate, permitting one input to be used as a
clock-enable or clock-inhibit function. Holding either CLK or CLK INH high inhibits clocking; holding either low
enables the other clock input. This allows the system clock to be free running, and the register can be stopped
on command with the other clock input. CLK INH should be changed to the high level only when CLK is high.
CLR overrides all other inputs, including CLK, and resets all flip-flops to zero.
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS
INTERNAL
CLR
SH/LD
CLK INH
CLK
SER
PARALLEL
A...H
QA
QB
QH
L
X
X
X
X
X
L
L
L
H
XL
L
X
X
QA0
QB0
QH0
H
LL
X
a ...h
a
bh
H
HL
HX
H
QAn
QGn
H
HL
LX
L
QAn
QGn
H
X
H
X
X
QA0
QB0
QH0
logic diagram (positive logic)
1D
C1
15
9
7
6
13
SH/LD
CLR
CLK
CLK INH
QH
234
5
10
11
12
14
SER
AB
CD
E
F
G
H
R
1D
C1
R
1D
C1
R
1D
C1
R
1D
C1
R
1D
C1
R
1D
C1
R
1D
C1
R
1
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.


Número de pieza similar - SN74HC166DG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC166DG4 TI1-SN74HC166DG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Descripción similar - SN74HC166DG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com