Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF1405ZLPBF Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRF1405ZLPBF
Descripción Electrónicos  AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF1405ZLPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF1405ZLPBF Datasheet HTML 4Page - International Rectifier IRF1405ZLPBF Datasheet HTML 5Page - International Rectifier IRF1405ZLPBF Datasheet HTML 6Page - International Rectifier IRF1405ZLPBF Datasheet HTML 7Page - International Rectifier IRF1405ZLPBF Datasheet HTML 8Page - International Rectifier IRF1405ZLPBF Datasheet HTML 9Page - International Rectifier IRF1405ZLPBF Datasheet HTML 10Page - International Rectifier IRF1405ZLPBF Datasheet HTML 11Page - International Rectifier IRF1405ZLPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IRF1405Z/S/LPbF
8
www.irf.com
Fig 17.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
CircuitLayoutConsiderations
• Low Stray Inductance
• Ground Plane
• LowLeakageInductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms


Número de pieza similar - IRF1405ZLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF1405ZL IRF-IRF1405ZL Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRF1405ZL-7P IRF-IRF1405ZL-7P Datasheet
688Kb / 11P
   AUTOMOTIVE MOSFET
IRF1405ZL-7PPBF IRF-IRF1405ZL-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results

Descripción similar - IRF1405ZLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
   AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRLR014NPBF IRF-IRLR014NPBF Datasheet
281Kb / 11P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com