Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI2EQX3201 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

No. de pieza PI2EQX3201
Descripción Electrónicos  3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3201 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2EQX3201 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8818
02/28/06
PI2EQX3201
3.2Gbps 2 Differential Channel Serial Re-driver
with built-in Equalization and De-emphasis
Pin Description
Pin #
Pin Name
I/O
Description
1, 6, 10, 23, 28
VDD
PWR
1.8V Supply Voltage
2
AI+
I
Positive CML Input Channel A with internal 50Ω pull down
3
AI-
I
Negative CML Input Channel A with internal 50Ω pull down
4, 9, 20, 25
GND
PWR
Supply Ground
22
BI+
I
Positive CML Input Channel B with internal 50Ω pull down
21
BI-
I
Negative CML Input Channel B with internal 50Ω pull down
33, 34
SEL[0:1]_A
I
Selection pins for equalizer (see Amplifier Configuration Table)
w/ 50KΩ internal pull up
13, 14
SEL[0:1]_B
I
32
SEL[2]_A
I
Selection pins for amplifier (see Amplifier Configuration Table)
w/ 50KΩ internal pull up
15
SEL[2]_B
I
31
SEL[3]_A
I
Selection pins for De-Emphasis (See De-Emphasis Configuration Table)
w/ 50KΩ internal pull up
16
SEL[3]_B
I
27
AO+
O
Positive CML Output Channel A internal 50Ω pull up during normal operation and
2KΩ pull up otherwise.
26
AO-
O
Negative CML Output Channel A with internal 50Ω pull up during normal opera-
tion and 2KΩ pull up otherwise.
7
BO+
O
Positive CML Output Channel B with internal 50Ω pull up during normal operation
and 2KΩ pull up otherwise.
8
BO-
O
Negative CMLOutput Channel B with internal 50Ω pull up during normal opera-
tion and 2KΩ pull up otherwise.
30, 29
EN_[A,B]
I
EN_[A:B] is the enable pin. A LVCMOS high provides normal operation. A LVC-
MOS low selects a low power down mode.
12
CLKIN-
I
Differential Input Reference Clock
11
CLKIN+
I
17, 18
OUT+, OUT-
O
Differential Reference Clock Output
5
AVDD
PWR
1.8V Analog supply voltage
24
AGND
PWR
Analog ground
19
IREF
O
External 475Ω resistor connection to set the differential output current
35, 36
NC
N/A
No connect pins. For normal operation, leave pins floating
06-0086


Número de pieza similar - PI2EQX3201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
More results

Descripción similar - PI2EQX3201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
PI2EQX3211B PERICOM-PI2EQX3211B Datasheet
408Kb / 5P
   3.2Gbps 2 Differential Channel Serial Re-driver with Equalization, Squelch and Flow-Through Pinout
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX3232B PERICOM-PI2EQX3232B Datasheet
465Kb / 7P
   3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Semtech Corporation
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com