Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST662ABD-TR Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza ST662ABD-TR
Descripción Electrónicos  DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662ABD-TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST662ABD-TR Datasheet HTML 7Page - STMicroelectronics ST662ABD-TR Datasheet HTML 8Page - STMicroelectronics ST662ABD-TR Datasheet HTML 9Page - STMicroelectronics ST662ABD-TR Datasheet HTML 10Page - STMicroelectronics ST662ABD-TR Datasheet HTML 11Page - STMicroelectronics ST662ABD-TR Datasheet HTML 12Page - STMicroelectronics ST662ABD-TR Datasheet HTML 13Page - STMicroelectronics ST662ABD-TR Datasheet HTML 14Page - STMicroelectronics ST662ABD-TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ST662AB - ST662AC
Application circuit
11/20
7
Application circuit
Based on fast charge/discharge of capacitors, this circuit involves high di/dt values limited
only by RON of switches. This implies a critical layout design due to the need to minimize
inductive paths and place capacitors as close as possible to the device.
A good layout design is strongly recommended for noise reason. For best performance, use
very short connections to the capacitors and the values shown in Table 6.
C3 and C4 must have low ESR in order to minimize the output ripple. Their values can be
reduced to 2µF and 1µF, respectively, when using ceramic capacitors, but must be of 10µF
or larger if aluminium electrolytic are chosen.
C5 must be placed as close to the device as possible and could be omitted if very low output
noise performance are not required.
Figure 15. and Figure 16. show, respectively, our EVALUATION kit layout and the relatively.
Figure 15.
KIT Lay-out
Figure 16.
Electrical schematic


Número de pieza similar - ST662ABD-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST662ABD-TR STMICROELECTRONICS-ST662ABD-TR Datasheet
844Kb / 19P
   DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
ST662ABD-TRY STMICROELECTRONICS-ST662ABD-TRY Datasheet
844Kb / 19P
   DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
More results

Descripción similar - ST662ABD-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST662A STMICROELECTRONICS-ST662A_04 Datasheet
359Kb / 13P
   DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
ST662A STMICROELECTRONICS-ST662A Datasheet
131Kb / 12P
   DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
ST662AB STMICROELECTRONICS-ST662AB_08 Datasheet
844Kb / 19P
   DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
ST662AC STMICROELECTRONICS-ST662AC_10 Datasheet
839Kb / 20P
   DC-DC converter from 5 V to 12 V, 0.03 Afor Flash memory programming supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com