Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM20L08 Datasheet(PDF) 4 Page - Ramtron International Corporation

No. de pieza FM20L08
Descripción Electrónicos  1Mbit Bytewide FRAM Memory - Industrial Temp.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM20L08 Datasheet(HTML) 4 Page - Ramtron International Corporation

  FM20L08_07 Datasheet HTML 1Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 2Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 3Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 4Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 5Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 6Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 7Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 8Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM20L08 - Industrial Temp.
Rev. 1.72
May 2007
Page 4 of 14
Overview
The FM20L08 is a bytewide FRAM memory
logically organized as 131,072 x 8 and is accessed
using an industry standard parallel interface. All data
written to the part is immediately nonvolatile with no
delay. The device offers page mode operation which
provides higher speed access to addresses within a
page (row). An access to a different page requires that
either /CE transitions low or the upper address
A(16:3) changes.
Memory Operation
Users access 131,072 memory locations with 8 data
bits each through a parallel interface. The FRAM
array is organized as 8 blocks each having 2048 rows.
Each row has 8 column locations, which allows fast
access in page mode operation. Once an initial
address has been latched by the falling edge of /CE,
subsequent
column locations
may be
accessed
without the need to toggle /CE.
When /CE is
deasserted high, a precharge operation begins. Writes
occur immediately at the end of the access with no
delay. The /WE pin must be toggled for each write
operation.
Read Operation
A read operation begins on the falling edge of /CE.
The falling edge of /CE causes the address to be
latched and starts a memory read cycle if /WE is high.
Data becomes available on the bus after the access
time has been satisfied. Once the address has been
latched and the access completed, a new access to a
random location (different row) may begin while /CE
is still low.
The minimum cycle time for random
addresses is tRC. Note that unlike SRAMs, the
FM20L08’s /CE-initiated access time is faster than
the address cycle time.
The FM20L08 will drive the data bus only when /OE
is asserted low and the memory access time has been
satisfied. If /OE is asserted prior to completion of the
memory access, the data bus will not be driven until
valid data is available. This feature minimizes supply
current in the system by eliminating transients caused
by invalid data being driven onto the bus. When /OE
is inactive, the data bus will remain hi-Z.
Write Operation
Writes occur in the FM20L08 in the same time
interval as reads. The FM20L08 supports both /CE-
and /WE-controlled write cycles. In both cases, the
address is latched on the falling edge of /CE.
In a /CE-controlled write, the /WE signal is asserted
prior to beginning the memory cycle. That is, /WE is
low when /CE falls. In this case, the device begins the
memory cycle as a write. The FM20L08 will not
drive the data bus regardless of the state of /OE as long
as /WE is low. Input data must be valid when /CE is
deasserted high. In a /WE-controlled write, the memory
cycle begins on the falling edge of /CE. The /WE signal
falls some time later. Therefore, the memory cycle
begins as a read. The data bus will be driven if /OE is
low, however it will hi-Z once /WE is asserted low. The
/CE- and /WE-controlled write timing cases are shown
on page 11. In the Write Cycle Timing 2 diagram, the
data bus is shown as a hi-Z condition while the chip is
write-enabled and before the required setup time.
Although this is drawn to look like a mid-level voltage,
it is recommended that all DQ pins comply with the
minimum VIH/VIL operating levels.
Write access to the array begins on the falling edge of
/WE after the memory cycle is initiated. The write
access terminates on the rising edge of /WE or /CE,
whichever comes first. A valid write operation requires
the user to meet the access time specification prior to
deasserting /WE or /CE. Data setup time indicates the
interval during which data cannot change prior to the
end of the write access (/WE or /CE high).
Unlike other truly nonvolatile memory technologies,
there is no write delay with FRAM. Since the read and
write access times of the underlying memory are the
same, the user experiences no delay through the bus.
The entire memory operation occurs in a single bus
cycle. Data polling, a technique used with EEPROMs
to determine if a write is complete, is unnecessary.
Page Mode Operation
The FM20L08 provides the user fast access to any data
within a row element.
Each row has eight column
locations. An access can start anywhere within a row
and other column locations may be accessed without
the need to toggle the /CE pin. For page mode reads,
once the first data byte is driven onto the bus, the
column address inputs A(2:0) may be changed to a new
value. A new data byte is then driven to the DQ pins.
For page mode writes, the first write pulse defines the
first write access. While /CE is low, a subsequent write
pulse along with a new column address provides a page
mode write access.
Precharge Operation
The precharge operation is an internal condition in
which the state of the memory is prepared for a new
access. Precharge is user-initiated by driving the /CE
signal high. It must remain high for at least the
minimum precharge time tPC.


Número de pieza similar - FM20L08_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM20L08-60-TG ETC1-FM20L08-60-TG Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
More results

Descripción similar - FM20L08_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com