Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74VHC08
Descripción Electrónicos  Quad 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC08_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC08_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC08 Rev. 1.3
74VHC08
Quad 2-Input AND Gate
Features
High Speed: tPD = 4.3ns (Typ.) at TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Low power dissipation: ICC = 2µA (Max.) @ TA = 25°C
Low noise: VOLP = 0.8V (Max.)
Pin and function compatible with 74HC08
General Description
The VHC08 is an advanced high speed CMOS 2 Input
AND Gate fabricated with silicon gate CMOS technol-
ogy. It achieves the high-speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
The internal circuit is composed of 4 stages including
buffer output, which provide high noise immunity and
stable output. An input protection circuit insures that 0V
to 7V can be applied to the input pins without regard to
the supply voltage. This device can be used to interface
5V to 3V systems and two supply systems such as bat-
tery backup. This circuit prevents device destruction due
to mismatched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDEC J-STD-020B.
Note:
1. Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74VHC08M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC08MX_NL(1)
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC08MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC08MTCX_NL(1)
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Número de pieza similar - 74VHC08_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC08 STMICROELECTRONICS-74VHC08_04 Datasheet
226Kb / 11P
   QUAD 2-INPUT AND GATE
More results

Descripción similar - 74VHC08_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com