Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4050MG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
CD74HC4050MG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 10 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) no Sb/Br) CD74HC4050E ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type CD74HC4050EE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type CD74HC4050M ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050M96 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050M96E4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050M96G4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050ME4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050MG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050MT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050MTE4 ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050MTG4 ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050NSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWE4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWG4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWRE4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWRG4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWT ACTIVE TSSOP PW 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWTE4 ACTIVE TSSOP PW 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC4050PWTG4 ACTIVE TSSOP PW 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in PACKAGE OPTION ADDENDUM www.ti.com 9-Oct-2007 Addendum-Page 2 |
Número de pieza similar - CD74HC4050MG4 |
|
Descripción similar - CD74HC4050MG4 |