Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61041DBVRG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS61041DBVRG4
Descripción Electrónicos  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61041DBVRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61041DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 14Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
SETTING THE OUTPUT VOLTAGE
V
OUT +
1.233 V
1 )
R1
R2
(5)
C
FF +
1
2
p
fS
20
R1
(6)
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
The maximum load current of the conveter is the current at the operation point where the coverter starts to enter
the continuous conduction mode. Usually the converter should always operate in discontinuous conduction
mode.
Last, the selected inductor should have a saturation current that meets the maximum peak current of the
converter (as calculated in the Peak Current Control section). Use the maximum value for ILIMfor this calculation.
Another important inductor parameter is the dc resistance. The lower the dc resistance, the higher the efficiency
of the converter. See Table 3 and the typical applications for the inductor selection.
Table 3. Recommended Inductor for Typical LCD Bias Supply (see Figure 15)
DEVICE
INDUCTOR VALUE
COMPONENT SUPPLIER
COMMENTS
10
μH
Sumida CR32-100
High efficiency
10
μH
Sumida CDRH3D16-100
High efficiency
TPS61040
10
μH
Murata LQH4C100K04
High efficiency
4.7
μH
Sumida CDRH3D16-4R7
Small solution size
4.7
μH
Murata LQH3C4R7M24
Small solution size
High efficiency
TPS61041
10
μH
Murata LQH3C100K24
Small solution size
The output voltage is calculated as:
For battery-powered applications, a high-impedance voltage divider should be used with a typical value for R2 of
≤200 kΩ and a maximum value for R1 of 2.2 MΩ. Smaller values might be used to reduce the noise sensitivity of
the feedback pin.
A feedforward capacitor across the upper feedback resistor R1 is required to provide sufficient overdrive for the
error comparator. Without a feedforward capacitor, or one whose value is too small, the TPS61040/41 shows
double pulses or a pulse burst instead of single pulses at the switch node (SW), causing higher output voltage
ripple. If this higher output voltage ripple is acceptable, the feedforward capacitor can be left out.
The lower the switching frequency of the converter, the larger the feedforward capacitor value required. A good
starting point is to use a 10-pF feedforward capacitor. As a first estimation, the required value for the feedforward
capacitor at the operation point can also be calculated using the following formula:
Where:
R1 = Upper resistor of voltage divider
fS = Switching frequency of the converter at the nominal load current (See the INDUCTOR SELECTION,
MAXIMUM LOAD CURRENT section for calculating the switching frequency)
CFF = Choose a value that comes closest to the result of the calculation
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61040 TPS61041


Número de pieza similar - TPS61041DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61041DBVRG4 TI-TPS61041DBVRG4 Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
More results

Descripción similar - TPS61041DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com