Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4059E Datasheet(PDF) 6 Page - Texas Instruments |
|
CD74HC4059E Datasheet(HTML) 6 Page - Texas Instruments |
6 / 14 page 6 Test Circuits and Waveforms NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 2. HC CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH FIGURE 3. HC TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC FIGURE 4. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME, AND PROPAGATION DELAY TIMES FOR EDGE TRIGGERED SEQUENTIAL LOGIC CIRCUITS CLOCK 90% 50% 10% GND VCC trCL tfCL 50% 50% tWL tWH 10% tWL + tWH = fCL I tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% trCL tfCL GND VCC GND VCC 50% 90% 10% GND CLOCK INPUT DATA INPUT OUTPUT SET, RESET OR PRESET VCC 50% 50% 90% 10% 50% 90% tREM tPLH tSU(H) tTLH tTHL tH(L) tPHL IC CL 50pF tSU(L) tH(H) CD54HC4059, CD74HC4059 CD54HC4059, CD74HC4059 |
Número de pieza similar - CD74HC4059E |
|
Descripción similar - CD74HC4059E |