Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C76YI-GT2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

No. de pieza CAT93C76YI-GT2
Descripción Electrónicos  8K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76YI-GT2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C76YI-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76YI-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT93C76 (Rev. A)
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-1090 Rev. B
Characteristics subject to change without notice
8K-Bit Microwire Serial EEPROM
FEATURES
High speed operation: 3MHz @ VCC ≥ 2.5V
Low power CMOS technology
1.8 to 5.5 volt operation
Selectable x8 or x16 memory organization
Self-timed write cycle with auto-clear
Software write protection
Power-up inadvertant write protection
1,000,000 Program/erase cycles
100 year data retention
Industrial and extended temperature ranges
Sequential read
“Green” package option available
PIN CONFIGURATION
PDIP (L), SOIC (V)
TSSOP (Y), TDFN (ZD4)
CS
1
8 VCC
SK
2
7 NC
DI
3
6 ORG
DO
4
5 GND
PIN FUNCTION
Pin Name
Function
CS
Chip Select
SK
Serial Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
Note: When the ORG pin is connected to VCC, x16 organization is
selected. When it is connected to ground, x8 organization
is selected. If the ORG pin is left unconnected, then an
internal pull-up device will select x16 organization.
DESCRIPTION
The CAT93C76 is an 8K-bit Serial EEPROM memory
device which is configured as either registers of 16
bits (ORG pin at VCC or Not Connected) or 8 bits
(ORG pin at GND). Each register can be written (or
read) serially by using the DI (or DO) pin. The
CAT93C76
is
manufactured
using
Catalyst’s
advanced CMOS EEPROM floating gate technology.
The device is designed to endure 1,000,000
program/erase cycles and has a data retention of 100
years. The device is available in 8-pin PDIP, SOIC,
TSSOP and 8-pad TDFN packages.
FUNCTIONAL SYMBOL
For Ordering Information details, see page 12.
CS
SK
ORG
DO
DI
VCC
GND


Número de pieza similar - CAT93C76YI-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C76YI-GT2 ONSEMI-CAT93C76YI-GT2 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
More results

Descripción similar - CAT93C76YI-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com