Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT102TDI-G Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza CAT102TDI-G
Descripción Electrónicos  Precision, Adjustable Shunt Regulator (600mV Reference)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102TDI-G Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT102TDI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT102TDI-G Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT102
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-4007 Rev. N
Characteristics subject to change without notice
TYPICAL APPLICATION
Figure 2. Opto-Feedback Application Circuit
In order to allow proper operation of the optocoupler and the CAT102, the supply voltage VCC must be greater
than 2.2V.
VOUT
VIN
Regulator
with
Isolation
Opto-isolator
VCC > 2.2V
5
2
3
1
R3
100Ω
R4
100kΩ
R1
22kΩ
R2
33kΩ
1V regulated
output
CAT102
IN
GND
C1
0.1µF
C2
1µF
OUT
FB


Número de pieza similar - CAT102TDI-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT102TDI-G ONSEMI-CAT102TDI-G Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
CAT102TDI-GT3 ONSEMI-CAT102TDI-GT3 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
More results

Descripción similar - CAT102TDI-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ON Semiconductor
CAT102 ONSEMI-CAT102 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com