Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT859T Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT859T
Descripción Electrónicos  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT859T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT859T Datasheet HTML 1Page - Catalyst Semiconductor CAT859T Datasheet HTML 2Page - Catalyst Semiconductor CAT859T Datasheet HTML 3Page - Catalyst Semiconductor CAT859T Datasheet HTML 4Page - Catalyst Semiconductor CAT859T Datasheet HTML 5Page - Catalyst Semiconductor CAT859T Datasheet HTML 6Page - Catalyst Semiconductor CAT859T Datasheet HTML 7Page - Catalyst Semiconductor CAT859T Datasheet HTML 8Page - Catalyst Semiconductor CAT859T Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT853, CAT863, CAT859, CAT869
4
Doc. No. 3026, Rev. B
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
5V
0V
5V
0V
Threshold
Voltage
140ms
minimum
Reset Timeout Period
Power
Supply
Voltage
RESET
DETAILED DESCRIPTIONS
RESET TIMING
The reset signal is asserted low for the CAT853, CAT863,
CAT859, and CAT869 when the power supply voltage falls
below the threshold trip voltage and remains asserted
for at least 140ms after the power supply voltage has
risen above the threshold.
Figure 2. Maximum Transient Duration Without Causing a Reset Pulse vs. Reset Comparator Overdrive
VCC TRANSIENT RESPONSE
The CAT853, CAT863, CAT859, and CAT869 protect
μPs against brownout failure. Short duration transients
of 4μsec or less and 100mV amplitude typically do not
cause a false RESET.
Figure 2 shows the maximum pulse duration of negative-
going VCC transients that do not cause a reset condition.
Figure 1. Reset Timing Diagram
As the amplitude of the transient goes further below
the threshold (increasing VTH - VCC), the maximum
pulse duration decreases. In this test, the VCC starts
from an initial voltage of 0.5V above the threshold and
drops below it by the amplitude of the overdrive voltage
(VTH - VCC).


Número de pieza similar - CAT859T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT859TTBI-G ONSEMI-CAT859TTBI-G Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
CAT859TTBI-GT3 ONSEMI-CAT859TTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT859TTBI-T3 ONSEMI-CAT859TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
More results

Descripción similar - CAT859T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com