Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT853M Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT853M
Descripción Electrónicos  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT853M Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT853M Datasheet HTML 1Page - Catalyst Semiconductor CAT853M Datasheet HTML 2Page - Catalyst Semiconductor CAT853M Datasheet HTML 3Page - Catalyst Semiconductor CAT853M Datasheet HTML 4Page - Catalyst Semiconductor CAT853M Datasheet HTML 5Page - Catalyst Semiconductor CAT853M Datasheet HTML 6Page - Catalyst Semiconductor CAT853M Datasheet HTML 7Page - Catalyst Semiconductor CAT853M Datasheet HTML 8Page - Catalyst Semiconductor CAT853M Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT853, CAT863, CAT859, CAT869
8
Doc. No. 3026, Rev. B
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1) (2) (3)
Prefix
Device #
Suffix
859
S
TBI
G
Device Type
853: Open Drain / Active Low Output
863: Open Drain / Active Low Output
859: Push-Pull / Active Low Output
869: Push-Pull / Active Low Output
CAT
Threshold Level
T: 3.08V
S: 2.93V
M: 4.38V
Company ID
Package Type
TBI: SOT-23 Green(1)
Lead Finish
G: NiPdAu (PPF)
T10
T: Tape & Reel
3: 3000/Reel
10: 10000/Reel
TOP MARKING
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The device used in the example above is a CAT859STBI-GT10 (Push-Pull / Active Low Output, trip level of 2.85V to 3.00V NiPdAu, Tape
and Reel).
(3) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
(4) The “YM” in the SOT-23 package marking indicates the Year and Month of production.
(5) All NiPdAu devices will be marked to indicate product type. Threshold and full part numbers will be provided on box and reel labels as well
as all Shipping documents.
(6) For special threshold and package categories, contact factory.
Part and Threshold
SOT-23 RoHS
NiPdAu Finish(4) (5)
Part and Threshold
SOT-23 RoHS
NiPdAu Finish(4) (5)
CAT859T
RSYM
CAT853T
RUYM
CAT859S
CAT853S
CAT859M
CAT853M
CAT869T
RTYM
CAT863T
RVYM
CAT869S
CAT863S
CAT869M
CAT863M
ORDERING PART NUMBER
CAT859TTBI-G
CAT859STBI-G
CAT859MTBI-G(6)
CAT869TTBI-G
CAT869STBI-G
CAT869MTBI-G(6)
CAT853TTBI-G
CAT853STBI-G(6)
CAT853MTBI-G
CAT863TTBI-G
CAT863STBI-G(6)
CAT863MTBI-G


Número de pieza similar - CAT853M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-G ONSEMI-CAT853MTBI-G Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853MTBI-T3 ONSEMI-CAT853MTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
More results

Descripción similar - CAT853M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com