Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5269 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT5269
Descripción Electrónicos  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5269 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5269_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 9Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 10Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 11Page - Catalyst Semiconductor CAT5269_07 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT5269
Doc. No. MD-2123 Rev. C
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
INSTRUCTION AND REGISTER
DESCRIPTION
SLAVE ADDRESS BYTE
The first byte sent to the CAT5269 from the
master/processor is called the Slave/DPP Address
Byte. The most significant four bits of the slave
address are a device type identifier. These bits for the
CAT5269 are fixed at 0101[B] (refer to Table 1).
The next four bits, A3 - A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A3 - A0 input pins
for the CAT5269 to successfully continue the
command sequence. Only the device which slave
address matches the incoming device address sent by
the master executes the instruction. The A3 - A0
inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
INSTRUCTION BYTE
The next byte sent to the CAT5269 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I3 - I0. The R1 and R0 bits point to one of the
four data registers of each associated potentiometer.
The least two significant bits point to one of four Wiper
Control Registers. The format is shown in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
Figure 6. Write Timing
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
S
A
C
K
A
C
K
DR1 WCRDATA
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A
C
K
SLAVE/DPP
ADDRESS
INSTRUCTION
BYTE
Fixed
Variable
op code
Register
Address
Pot1 WCR
Address
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
R1
R0
P1
P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot Selection
Opcode
Selection


Número de pieza similar - CAT5269_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5269B-00TE13 CATALYST-CAT5269B-00TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269B-10TE13 CATALYST-CAT5269B-10TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269B-25TE13 CATALYST-CAT5269B-25TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269B-50TE13 CATALYST-CAT5269B-50TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269BI-00TE13 CATALYST-CAT5269BI-00TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Descripción similar - CAT5269_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com