Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6219-285TD-GT3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT6219-285TD-GT3
Descripción Electrónicos  500mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6219-285TD-GT3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT6219-285TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT6219-285TD-GT3 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT6219
Doc. No. 10009 Rev. A
8
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE OUTLINES
6-LEAD TDFN (2mm x 2mm)
Notes:
(1) All dimensions are in millimeters, angles in degrees.
(2) REFER JEDEC MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.25
0.30
0.35
D
1.90
2.00
2.10
D2
1.50
1.60
1.70
E
1.90
2.00
2.10
E2
0.90
1.00
1.10
e
0.65 TYP
L
0.16
0.25
0.35


Número de pieza similar - CAT6219-285TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6219-285TD-GT3 CATALYST-CAT6219-285TD-GT3 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
More results

Descripción similar - CAT6219-285TD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com