Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT6221-JGTD-G Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT6221-JGTD-G
Descripción Electrónicos  300mA CMOS Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6221-JGTD-G Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT6221-JGTD-G Datasheet HTML 1Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 2Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 3Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 4Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 5Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 6Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 7Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 8Page - Catalyst Semiconductor CAT6221-JGTD-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT6221
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-10001 Rev. A
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (1)
VIN = VOUT + 1.0V, VEN = High, IOUT = 100µA, CIN = COUT = 1µF, ambient temperature of 25ºC (over recommended
operating conditions unless specified otherwise). Bold numbers apply for the entire junction temperature range.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
-1.0
+1.0
VOUT-ACC Output Voltage Accuracy
Initial accuracy
-2.0
+2.0
%
TCOUT
Output Voltage Temp. Coefficient
40
ppm/ºC
-0.2
±0.1
+0.2
VR-LINE
Line Regulation
VIN = VOUT + 1.0V to 5.5V
-0.4
+0.4
%/V
0.9
1.5
VR-LOAD
Load Regulation
IOUT = 100μA to 300 mA
2
%
210
280
VDROP
Dropout Voltage
(2)
IOUT = 300mA
350
mV
100
140
Both LDOs Enabled
IOUT = 0μA
170
Both LDOs Enabled
IOUT = 300mA
160
55
75
One LDO Enabled
IOUT = 0μA
90
IGND
Ground Current
One LDO Enabled
IOUT = 300mA
85
µA
2
IGND-SD
Shutdown Ground Current
VEN < 0.4V
4
µA
f = 1kHz
60
PSRR
Power Supply Rejection Ratio
f = 20kHz
45
dB
ISC
Output short circuit current limit
VOUT = 0V
130
mA
TON
Turn-On Time
150
µs
eN
Output Noise Voltage
(3)
BW = 10Hz to 100kHz
95
µVrms
ROUT-SH
Shutdown Switch Resistance
250
VIN-UVLO Under voltage lockout threshold
2.15
V
ESR
COUT equivalent series resistance
5
500
mΩ
Enable Input (EN1, EN2)
VHI
Logic High Level
VIN = 2.3 to 5.5V
1.8
V
VLO
Logic Low Level
VIN = 2.3 to 5.5V
0.4
V
VEN = 0.4V
0.05
1
IEN
Enable Input Current
VEN = VIN
0.1
1
µA
Thermal Protection
TSD
Thermal Shutdown
160
ºC
THYS
Thermal Hysteresis
10
ºC
.
Notes:
(1) Specification for 2.8V output version unless specified otherwise.
(2) Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at
1V differential. During test, the input voltage stays always above the minimum 2.3V.
(3) Specification for 1.8V output version.


Número de pieza similar - CAT6221-JGTD-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT6221-JGTD-GT3 ONSEMI-CAT6221-JGTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results

Descripción similar - CAT6221-JGTD-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com