Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C86VI-1.8-GT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT93C86VI-1.8-GT3
Descripción Electrónicos  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86VI-1.8-GT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT93C86VI-1.8-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT93C86VI-1.8-GT3 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
CAT93C86
Doc. No. 1091, Rev. O
24C16_8-LEAD_SOIC.eps
SYMBOL
A1
A
b
C
D
E
E1
h
L
MIN
0.10
1.35
0.33
4.80
5.80
3.80
0.25
0.40
NOM
0.25
0.19
MAX
0.25
1.75
0.51
5.00
6.20
4.00
e
1.27 BSC
0.50
1.27
θ10
°
8
°
E
E1
D
A1
e
L
θ1
C
b
h x 45
A
Notes:
1.
All dimensions are in millimeters.
2.
Complies with JEDEC specification MS-012.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
8-LEAD 150 MIL WIDE SOIC (V, W)


Número de pieza similar - CAT93C86VI-1.8-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C86VI-1.8TE13 CATALYST-CAT93C86VI-1.8TE13 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
More results

Descripción similar - CAT93C86VI-1.8-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com