Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YTD436 Datasheet(PDF) 9 Page - YAMAHA CORPORATION

No. de pieza YTD436
Descripción Electrónicos  ISTC ISDN BRI controller with S/T ref. pt. analog D/R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAMAHA [YAMAHA CORPORATION]
Página de inicio  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD436 Datasheet(HTML) 9 Page - YAMAHA CORPORATION

Back Button YTD436 Datasheet HTML 5Page - YAMAHA CORPORATION YTD436 Datasheet HTML 6Page - YAMAHA CORPORATION YTD436 Datasheet HTML 7Page - YAMAHA CORPORATION YTD436 Datasheet HTML 8Page - YAMAHA CORPORATION YTD436 Datasheet HTML 9Page - YAMAHA CORPORATION YTD436 Datasheet HTML 10Page - YAMAHA CORPORATION YTD436 Datasheet HTML 11Page - YAMAHA CORPORATION YTD436 Datasheet HTML 12Page - YAMAHA CORPORATION YTD436 Datasheet HTML 13Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
- 9 -
Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
A14
A13
A12
A11
A10
A9
DVSS
DVDD
A8
A7
A4
A3
A2
A1
D10
D11
D12
D13
D14
D15
DVSS
X2
HTD
LICT
RM
CLKOUT
51
52
53
54
55
56
57
58
59
60
61
62
63
64
66
67
68
69
70
71
72
73
74
75
65
LTD
HRD
INF4
LRD
PSDET
CKOSEL
AS / RD
X1
A6
A5
LI1
CX2
PDET
DVSS
PDSEL
PDOWN
CS
INF1
DVDD
YTD436-S
100pin SQFP
R/W / WR
MWR
RESET
UBE
A0 / LBE


Número de pieza similar - YTD436

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
More results

Descripción similar - YTD436

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
logo
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
logo
Macronix International
MX97103 MCNIX-MX97103 Datasheet
82Kb / 13P
   ISDN S/T-PCI TRANSCEIVER
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com