Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YTD436 Datasheet(PDF) 10 Page - YAMAHA CORPORATION

No. de pieza YTD436
Descripción Electrónicos  ISTC ISDN BRI controller with S/T ref. pt. analog D/R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAMAHA [YAMAHA CORPORATION]
Página de inicio  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD436 Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button YTD436 Datasheet HTML 6Page - YAMAHA CORPORATION YTD436 Datasheet HTML 7Page - YAMAHA CORPORATION YTD436 Datasheet HTML 8Page - YAMAHA CORPORATION YTD436 Datasheet HTML 9Page - YAMAHA CORPORATION YTD436 Datasheet HTML 10Page - YAMAHA CORPORATION YTD436 Datasheet HTML 11Page - YAMAHA CORPORATION YTD436 Datasheet HTML 12Page - YAMAHA CORPORATION YTD436 Datasheet HTML 13Page - YAMAHA CORPORATION YTD436 Datasheet HTML 14Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
- 10 -
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
x
a
Mt
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
SV D
D
3
.
0
-0
.
7
+V
e
g
a
t
l
o
V
t
u
p
n
I
V
D I
3
.
0
-V
D
D
D
3
.
0
+V
V
A I
3
.
0
-V
A
D
D
3
.
0
+V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST g
t
s
0
5
-5
2
1
+C
º
(Based on DVSS = AVSS = 0.0 V)
Recommended Operating Conditions
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Mt
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
V
D
D
D
"
H
"
=
L
E
S
D
V5
7
.
45
2
.
5V
"
L
"
=
L
E
S
D
V0
.
36
.
3V
V
A
D
D
5
7
.
45
2
.
5V
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT p
o
0
3
-5
8C
º
(Based on DVSS= AVSS = 0.0 V)


Número de pieza similar - YTD436

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
More results

Descripción similar - YTD436

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
logo
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
logo
Macronix International
MX97103 MCNIX-MX97103 Datasheet
82Kb / 13P
   ISDN S/T-PCI TRANSCEIVER
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com