Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMZ130 Datasheet(PDF) 2 Page - Diotec Semiconductor

No. de pieza SMZ130
Descripción Electrónicos  Surface Mount Silicon-Zener Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMZ130 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SMZ130 Datasheet HTML 1Page - Diotec Semiconductor SMZ130 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMZ1 ... SMZ200 (2 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
SMZ13)
0.71
0.82100
0.5 (<1)
–26…–16
1200
SMZ5.6
5.2
6.0
100
1 (<3)
–3…+5
> 0.5 / 3 µA
333
SMZ6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
303
SMZ6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
278
SMZ7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
253
SMZ8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
230
SMZ9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
208
SMZ10
9.4
10.6
50
2 (<4)
+5…+9
> 5
189
SMZ11
10.4
11.6
50
4 (<7)
+5…+10
> 5
172
SMZ12
11.4
12.7
50
4 (<7)
+5…+10
> 7
157
SMZ13
12.4
14.1
50
5 (<10)
+5…+10
> 7
142
SMZ15
13.8
15.6
50
5 (<10)
+5…+10
> 10
128
SMZ16
15.3
17.1
25
6 (<15)
+6…+11
> 10
117
SMZ18
16.8
19.1
25
6 (<15)
+6…+11
> 10
105
SMZ20
18.8
21.2
25
6 (<15)
+6…+11
> 10
94
SMZ22
20.8
23.3
25
6 (<15)
+6…+11
> 12
86
SMZ24
22.8
25.6
25
7 (<15)
+6…+11
> 12
78
SMZ27
25.1
28.9
25
7 (<15)
+6…+11
> 14
69
SMZ30
28
3225
8 (<15)
+6…+11
> 14
63
SMZ33
31
35
25
8 (<15)
+6…+11
> 17
57
SMZ36
34
38
10
16 (<40)
+6…+11
> 17
53
SMZ39
3741
10
20 (<40)
+6…+11
> 20
49
SMZ43
40
46
10
24 (<45)
+7…+12
> 20
43
SMZ47
44
50
10
24 (<45)
+7…+12
> 24
40
SMZ5148
5410
25 (<60)
+7…+12
> 24
37
SMZ56
52
60
10
25 (<60)
+7…+12
> 28
33
SMZ62
58
66
10
25 (<80)
+8…+13
> 28
30
SMZ68
6472
10
25 (<80)
+8…+13
> 3428
SMZ75
70
79
10
30 (<100)
+8…+13
> 3425
SMZ8277
88
10
30 (<100)
+8…+13
> 41
23
SMZ91
85
96
5
40 (<200)
+9…+13
> 41
21
SMZ100
94
106
5
60 (<200)
+9…+13
> 50
19
SMZ110
104116
5
80 (<250)
+9…+13
> 50
17
SMZ120
114
127
5
80 (<250)
+9…+13
> 60
16
SMZ130
124
141
5
90 (<300)
+9…+13
> 60
14
SMZ150
138
156
5
100 (<300)
+9…+13
> 75
13
SMZ160
153
171
5
110 (<350)
+9…+13
> 75
12
SMZ180
168
191
5
120 (<350)
+9…+13
> 90
10
SMZ200
188
212
5
150 (<350)
+9…+13
> 90
9
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Número de pieza similar - SMZ130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
SMZ130 DIOTEC-SMZ130 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SMZ130 SEMIKRON-SMZ130 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
Diotec Semiconductor
SMZ130 DIOTEC-SMZ130 Datasheet
158Kb / 3P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Shenzhen Luguang Electr...
SMZ130 LUGUANG-SMZ130 Datasheet
143Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
Diotec Semiconductor
SMZ130 DIOTEC-SMZ130 Datasheet
187Kb / 3P
   SMD Zener Diodes
More results

Descripción similar - SMZ130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_10 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C10B DIOTEC-SZ3C10B Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com