Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-BF561 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADSP-BF561
Descripción Electrónicos  Blackfin짰 Embedded Symmetric Multiprocessor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-BF561_07 Datasheet HTML 1Page - Analog Devices ADSP-BF561_07 Datasheet HTML 2Page - Analog Devices ADSP-BF561_07 Datasheet HTML 3Page - Analog Devices ADSP-BF561_07 Datasheet HTML 4Page - Analog Devices ADSP-BF561_07 Datasheet HTML 5Page - Analog Devices ADSP-BF561_07 Datasheet HTML 6Page - Analog Devices ADSP-BF561_07 Datasheet HTML 7Page - Analog Devices ADSP-BF561_07 Datasheet HTML 8Page - Analog Devices ADSP-BF561_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ADSP-BF561
Rev. B
|
Page 5 of 64
|
June 2007
The fourth on-chip memory system is the L2 SRAM memory
array which provides 128K bytes of high speed SRAM operating
at one half the frequency of the core, and slightly longer latency
than the L1 memory banks. The L2 memory is a unified instruc-
tion and data memory and can hold any mixture of code and
data required by the system design. The Blackfin cores share a
dedicated low latency 64-bit wide data path port into the L2
SRAM memory.
Each Blackfin core processor has its own set of core Memory
Mapped Registers (MMRs) but share the same system MMR
registers and 128K bytes L2 SRAM memory.
External (Off-Chip) Memory
The ADSP-BF561 external memory is accessed via the External
Bus Interface Unit (EBIU). This interface provides a glueless
connection to up to four banks of synchronous DRAM
(SDRAM) as well as up to four banks of asynchronous memory
devices, including flash, EPROM, ROM, SRAM, and memory
mapped I/O devices.
The PC133-compliant SDRAM controller can be programmed
to interface to up to four banks of SDRAM, with each bank con-
taining between 16M bytes and 128M bytes providing access to
up to 512M bytes of SDRAM. Each bank is independently pro-
grammable and is contiguous with adjacent banks regardless of
the sizes of the different banks or their placement. This allows
flexible configuration and upgradability of system memory
while allowing the core to view all SDRAM as a single, contigu-
ous, physical address space.
The asynchronous memory controller can also be programmed
to control up to four banks of devices with very flexible timing
parameters for a wide variety of devices. Each bank occupies a
Figure 3. Memory Map
RESERVED
ASYNC MEMORY BANK 3
ASYNC MEMORY BANK 2
ASYNC MEMORY BANK 1
ASYNC MEMORY BANK 0
0xFF80 0000
0xFF70 1000
0xFF70 0000
0xFF61 4000
0xFF50 4000
0xFF50 0000
0xFF40 8000
0xFF40 4000
0xFF61 0000
0xFF60 4000
0xFF60 0000
0xFF50 8000
0xFF40 0000
L1 SCRATCHPAD SRAM (4K)
L1 INSTRUCTION SRAM/CACHE (16K)
L1 INSTRUCTION SRAM (16K)
L1 DATA BANK B SRAM/CACHE (16K)
L1 DATA BANK B SRAM (16K)
L1 DATA BANK A SRAM/CACHE (16K)
L1 DATA BANK A SRAM (16K)
CORE A MEMORY MAP
CORE B MEMORY MAP
CORE MMR REGISTERS
CORE MMR REGISTERS
SYSTEM MMR REGISTERS
L1 SCRATCHPAD SRAM (4K)
RESERVED
L1 INSTRUCTION SRAM/CACHE (16K)
L1 INSTRUCTION SRAM (16K)
L1 DATA BANK B SRAM/CACHE (16K)
L1 DATA BANK B SRAM (16K)
L1 DATA BANK A SRAM/CACHE (16K)
L1 DATA BANK A SRAM (16K)
L2 SRAM (128K)
BOOT ROM
SDRAM BANK 3
SDRAM BANK 2
SDRAM BANK 1
SDRAM BANK 0
0xFFE0 0000
0xFFC0 0000
0xFFB0 1000
0xFFB0 0000
0xFFA1 4000
0xFFA1 0000
0xFFA0 4000
0xFFA0 0000
0xFF90 8000
0xFF90 4000
0xFF90 0000
0xFF80 8000
0xFF80 4000
0xFEB2 0000
0xFEB0 0000
0xEF00 4000
0xEF00 0000
0x3000 0000
0x2C00 0000
0x2800 0000
0x2400 0000
0x2000 0000
0x0000 0000
RESERVED
INTERNAL MEMORY
EXTERNAL MEMORY
0xFFFF FFFF
Top of last SDRAM page
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
0xFF80 0000


Número de pieza similar - ADSP-BF561_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
More results

Descripción similar - ADSP-BF561_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF531 AD-ADSP-BF531_07 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Analog Devices
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com