Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS3100-1.2BM Datasheet(PDF) 2 Page - Advanced Monolithic Systems

No. de pieza AMS3100-1.2BM
Descripción Electrónicos  MICROPOWER VOLTAGE REFERENCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3100-1.2BM Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS3100-1.2BM Datasheet HTML 1Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 2Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 3Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 4Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 5Page - Advanced Monolithic Systems AMS3100-1.2BM Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3100-1.2
ABSOLUTE MAXIMUM RATINGS (Note 1)
Reverse Current
30mA
Lead Temperature
Forward Current
10mA
Vapor phase (60 sec)
215
°C
Operating Temperature Range
-40
°C to 85°C
Infrared (15 sec.)
220
°C
Storage temperature
-55
°C to +150°C
Thermal Resistance (
θ
JA)
410
°C/W
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS3100A-1.2
Min
Typ
Max
AMS3100B-1.2
Min
Typ
Max
AMS3100C-1.2
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 3)
IR - 100 µA
1.229
1.235
1.241
1.223
1.235
1.249
1.210
1.235
1.260
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.50
0.5
0.5
Reverse Breakdown
Voltage Change with
current (Note 3)
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
1.0
5
1.0
5
1.0
5
mV
Min. Operating
Current (Note 3)
5
10
15
5
10
15
5
10
15
µA
µA
Wide Band Noise
(Note 4)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
60
60
60
µV
Temperature Coeff.
(Note 5)
25
50
40
100
75
ppm/°C
Long Term Stability
(Note 4)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
Note 2: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 3: Guaranteed and 100% production tested.
Note 4: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 5: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX and
TMIN, divided by TMAX - TMIN. The measured temperatures are 0
°C, 25°C, 85°C.
TYPICAL APPLICATIONS
Wide Input
Micropower Reference
Reference from
Range Reference
from 9V Battery
1.5V Battery
4.3k
LM334
OUT
1.24V
AMS3100-1.2
V
IN = 2.3V TO 30V
AMS3100-1.2
1.2V
500k
9V
AMS3100-1.2
1.2V
3k
1.5V


Número de pieza similar - AMS3100-1.2BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS3100-1.2BM ADMOS-AMS3100-1.2BM Datasheet
77Kb / 6P
   Battery Powered Systems
More results

Descripción similar - AMS3100-1.2BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com