Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS2906CD-2.85 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

No. de pieza AMS2906CD-2.85
Descripción Electrónicos  600mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2906CD-2.85 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS2906CD-2.85 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2906CD-2.85 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2906
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
TO-252 PLASTIC PACKAGE (D)
0.030
(0.762)
TYP
0.087-0.094
(2.21-2.39)
0.018-0.023
(0.46-0.58)
0.020±0.002
(0.510±0.0508)
0.018-0.023
(0.46-0.58)
D (D3) AMS DRW# 011601
0.035-0.050
(0.89-1.27)
0.035-0.045
(0.89-1.14)
0.235-0.245
(5.969-6.223)
0.156-0.204
(3.96-5.18)
0.255-0.265
(6.48-6.73)
0.206-0.214
(5.23-5.44)
0.025
(0.635)
TYP
7.0°
0.380-0.410
(9.65-10.41)
0.045-0.060
(1.14-1.52)
3 LEAD SOT-223 PLASTIC PACKAGE
0.130-0.146
(3.30-3.71)
0.248-0.264
(6.30-6.71)
0.116-0.124
(2.95-3.15)
0.264-0.287
(6.71-7.29)
0.090
(2.29)
NOM
0.071
(1.80)
MAX
0.033-0.041
(0.84-1.04)
0.025-0.033
(0.64-0.84)
0.181
(4.60)
NOM
0.012
(0.31)
MIN
0.025-0.033
(0.64-0.84)
10°
MAX
10°-16°
10°-16°
0.010-0.014
(0.25-0.36)
(SOT-223 ) AMS DRW# 042292


Número de pieza similar - AMS2906CD-2.85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2906CD-25 ADMOS-AMS2906CD-25 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906CD-285 ADMOS-AMS2906CD-285 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS2906CD-2.85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
   600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com