Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1585 Datasheet(PDF) 8 Page - Advanced Monolithic Systems

No. de pieza AMS1585
Descripción Electrónicos  4.6A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1585 Datasheet(HTML) 8 Page - Advanced Monolithic Systems

  AMS1585_05 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1585_05 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1585
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
3 LEAD TO-263 PLASTIC DD (M)
0.335-0.380
0.050
0.060
(1.524)
TYP
(8.50-9.65)
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.050±0.012
(1.270±0.305)
0.013-0.023
(0.330-0.584)
0.059
(1.499)
TYP
(0.102
)
+0.203
-0.102
0.004 +0.008
-0.004
M (DD3) AMS DRW# 042191
0.595-0.615
(15.113-15.621)


Número de pieza similar - AMS1585_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1585CM ADMOS-AMS1585CM Datasheet
72Kb / 8P
   4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-15 ADMOS-AMS1585CM-15 Datasheet
72Kb / 8P
   4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-25 ADMOS-AMS1585CM-25 Datasheet
72Kb / 8P
   4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-285 ADMOS-AMS1585CM-285 Datasheet
72Kb / 8P
   4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-30 ADMOS-AMS1585CM-30 Datasheet
72Kb / 8P
   4.6A LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS1585_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1585 ADMOS-AMS1585 Datasheet
72Kb / 8P
   4.6A LOW DROPOUT VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX Datasheet
215Kb / 8P
   4.6A LOW DROPOUT POSITIVE REGULATORS
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com