Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS2502CS-1.8 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

No. de pieza AMS2502CS-1.8
Descripción Electrónicos  1A VERY LOW DROPOUT VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2502CS-1.8 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS2502CS-1.8 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2502CS-1.8 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2501/AMS2502
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.4
0.8
1.2
0
0
0
5
10
15
20
25
30
35
0
2
1
0
0.5
1.0
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Control Pin Current vs
Output Current
Minimum Control Voltage
Dropout Voltage -
Minimum Power Voltage
TYPICAL
DEVICE
T
J = 25° C
T
J = 125° C
T
J = 125° C
T
J = 25° C
1.0
0.2
0.6
1.4
0.4
0.8
1.2
1.0
0.2
0.6
1.4
0.4
0.8
1.2
1.0
0.2
0.6
1.4
Reference Voltage vs
Temperature
1.242
1.244
1.246
1.248
1.250
1.252
1.254
1.256
1.258
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (° C)
Load Current Step Response
50
µ/DIV
V
OUT
50
µV/DIV
1.5A
400mA
LOAD


Número de pieza similar - AMS2502CS-1.8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2502CS-15 ADMOS-AMS2502CS-15 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2502CS-18 ADMOS-AMS2502CS-18 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - AMS2502CS-1.8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com