Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS421CM1 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

No. de pieza AMS421CM1
Descripción Electrónicos  0.5V SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS421CM1 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS421CM1 Datasheet HTML 1Page - Advanced Monolithic Systems AMS421CM1 Datasheet HTML 2Page - Advanced Monolithic Systems AMS421CM1 Datasheet HTML 3Page - Advanced Monolithic Systems AMS421CM1 Datasheet HTML 4Page - Advanced Monolithic Systems AMS421CM1 Datasheet HTML 5Page - Advanced Monolithic Systems AMS421CM1 Datasheet HTML 6Page - Advanced Monolithic Systems AMS421CM1 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS421
TYPICAL APPLICATIONS
LOW NOISE PRECISSION 1.000V REFERENCE
Low cost LDO using an External PNP
Set the VOUT according to the following equation:
Maximum output current is (PNP Hfe)10mA. The transistor current rating and package depends of the application dropout.
The power dissipation for the PNP transistor is Iout (Vin-Vout). The package type should be selected according to the Power
dissipation.
2
+
-
0.5V
2.5V ≤ VCC ≤ 15V
0.1µ
1
R3
Q1
5
4
0.47µF
R1
R2
Co
VO
GND
R1
I
R2
R1
1
V
V
REF
REF
OUT
+
+
=
1.5V ≤ VCC ≤ 15V
1.5V to 15V
0.1µF
1
10K
VO
1.000V
100K
0.47µF
100K
500 pF
2
Ref
4
5
+
-
0.5V


Número de pieza similar - AMS421CM1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS421CM1 ADMOS-AMS421CM1 Datasheet
127Kb / 7P
   0.5V SHUNT REGULATOR
More results

Descripción similar - AMS421CM1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS421 ADMOS-AMS421 Datasheet
127Kb / 7P
   0.5V SHUNT REGULATOR
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com