Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SH3000UM Datasheet(PDF) 20 Page - Semtech Corporation

No. de pieza SH3000UM
Descripción Electrónicos  MicroBuddy짰 Support IC for Microcontrollers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000UM Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SH3000UM Datasheet HTML 16Page - Semtech Corporation SH3000UM Datasheet HTML 17Page - Semtech Corporation SH3000UM Datasheet HTML 18Page - Semtech Corporation SH3000UM Datasheet HTML 19Page - Semtech Corporation SH3000UM Datasheet HTML 20Page - Semtech Corporation SH3000UM Datasheet HTML 21Page - Semtech Corporation SH3000UM Datasheet HTML 22Page - Semtech Corporation SH3000UM Datasheet HTML 23Page - Semtech Corporation SH3000UM Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
©2006 Semtech Corp.
SH3003
www.semtech.com
Not authorized for release outside of Semtech
- DRAFT
POWER MANAGEMENT
Application Information (continued)
A single line is used to convey bi-directional information
between the SH3003 and the processor, and as the inter-
rupt line to the processor.
The polarity of the interrupt signal is programmable. The
SH3003 and the host microcontroller communicate using
a single wire, bi-directional asynchronous serial interface.
The bit rate is automatically determined by the SH3003.
At the fastest possible rate, a read or write access of a
single byte from the register bank takes 5μs.
The SH3003 contains thirty-six addressable registers
located at 0x00–0x1F. Some of these registers are ac-
cessed through a page operation. Pin 14, IO/Int, is the
serial communications interface and interrupt output pin.
This pin is internally weakly pulled to the opposite of the
programmed interrupt polarity. For example, if interrupt is
programmed to be active low, this pin is weakly pulled to
VDD when inactive.
As shown in Figure 7, the SH3003 and the host commu-
nicate with serial data streams. The host always initiates
communication. A data stream consists of the following
(in this order):
• 3-bit start field
• 3-bit read/write code
• 5-bit address field
• 1 guard bit
• 8-bit data field
• 2 parity bits
Plus, for write streams only:
• 1 guard bit
• 2 acknowledge (ACK) bits
The 3-bit start field (1,0,1 or 0,1,0, depending on interrupt
polarity) uses the middle bit to determine the bit period of
the serial data stream.
The 3-bit read/write code consists of 1,1,0 for a read, or
0,1,1 for a write. This protects against early glitches that
might otherwise put the interface into an invalid read or
write access mode.
The 5-bit address field contains the address of the regis-
ter. A single guard bit gives the interface a safe period in
which to change data direction. The value of a guard bit
does not matter. The 8-bit data field is written to (read
from) the register.
Two parity bits: The first parity bit is high when there are
an odd number of bits in the read/write, address and data
fields; the second parity bit is the inverse of the first.
For write streams only, a guard bit is appended to the
stream (to allow safe turnaround), and then two acknowl-
edge bits, which are a direct copy of the parity bits, are
driven back to the host to indicate a successful write ac-
cess.
Two guard bits are appended to the end of the access
stream (read or write). The host can not start the next ac-
cess before receiving these bits.
The interface is self-timed based on the duration of the
start bit field, and communication can take place when-
ever CLKout is active, either at 32.768kHz or at a higher
frequency. If the host microcontroller is running synchro-
nously to the CLKout generated by the SH3003 (which
should generally be the case), then a minimum of four
CLKout cycles per bit are required to maintain communi-
cation integrity. If the host’s serial interface is asynchro-
nous to CLKout, then a minimum of 52 cycles per bit are
necessary. A maximum of 1024 CLKout cycles per bit field
is supported.
Table 3 displays the minimum and maximum bit periods
for the serial communications for CLKout frequencies of
16 MHz, 8MHz, and 2MHz.
Interrupt and Serial Interface


Número de pieza similar - SH3000UM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SH3000UM SEMTECH-SH3000UM Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000UM SEMTECH-SH3000UM Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

Descripción similar - SH3000UM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
List of Unclassifed Man...
MB39A103 ETC-MB39A103 Datasheet
107Kb / 4P
   4-Channel DC/DC Converter IC with Support for Low Voltage
logo
Sanken electric
SMA6843MP SANKEN-SMA6843MP_08 Datasheet
448Kb / 2P
   Support for 3-shunt
logo
Maxim Integrated Produc...
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com