Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMS385AS Datasheet(PDF) 6 Page - Advanced Monolithic Systems |
|
AMS385AS Datasheet(HTML) 6 Page - Advanced Monolithic Systems |
6 / 8 page Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 AMS285/AMS385 TYPICAL PERFORMANCE CHARACTERISTICS (Continued) -2 2 4 8 10 0.1 1 10 100 Reverse Characteristics 0 6 T A =25° C 0.1 100 100 1k 10k 100k Dynamic Output Impedance 1 10 0.01 0 0.4 1.2 0.1 1 10 0.8 0.01 REVERSE CURRENT (mA) FREQUENCY (Hz) 0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 100 10 1.4 REVERSE VOLTAGE (V) 1 Reverse Characteristics Forward Characteristics 1 23 4 5 0 70 30 Minimum Operating Current OUTPUT VOLTAGE (V) 10 80 60 -55 5 25456585 105 1.260 1.240 125 Temperature Drift of 3 Representative Units 0 10 0 4 6 0 50 100 200 TIME ( µs) Response Time 3 5 Output Noise Voltage TEMPERATURE (° C) 1.250 1.230 1.220 -35 -15 I R= 100µA T A =-55° C T A =125° C T A =125° C T A =-55° C T A =25° C T A =-55° C T A =25° C T A =125° C TYP @ 25° C AMS385 WORST CASE OUTPUT OUTPUT INPUT 10 364k 120k AMS385 50k INPUT 10 10,000 100 1k 10k 100k 100 1,000 FREQUENCY (Hz) 10 20 10 Feedback Current 5 25 15 V OUT= VREF I R= 100µA 0 0 25 50 75 100 125 TEMPERATURE (° C) -50 -25 V OUT= 5.3V 20 50 40 V OUT= VREF V OUT= 5.3V I R= 100µA I R= 100µA ∆I R= 0.1IR T A =25° C V OUT= VREF V OUT= 5.3V 150 2 1 |
Número de pieza similar - AMS385AS |
|
Descripción similar - AMS385AS |