Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS26N-XA Datasheet(PDF) 1 Page - Advanced Monolithic Systems

No. de pieza AMS26N-XA
Descripción Electrónicos  VOLTAGE DETECTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADMOS [Advanced Monolithic Systems]
Página de inicio  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS26N-XA Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS26N-XA Datasheet HTML 1Page - Advanced Monolithic Systems AMS26N-XA Datasheet HTML 2Page - Advanced Monolithic Systems AMS26N-XA Datasheet HTML 3Page - Advanced Monolithic Systems AMS26N-XA Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS26
Monolithic
VOLTAGE DETECTOR
Systems
FEATURES
APPLICATIONS
• Very Low Supply Current
• CPU and Logic Circuit Reset
• Wide Operating Voltage Range
• Portable and Battery Powered Equipment
• 2% Precision Voltage Detection
• Memory Battery Back-Up Circuit
• V-detect 1.45V to 4.6V in 0.05V increments
• Window Comparator
• V-detect 4.6V to 7.95V in 0.1V increments
• Cellular Phones
• 2.5% Typical Hysteresis
• Pagers
GENERAL DESCRIPTION
The AMS26 series are voltage detector ICs featuring a high accuracy detector threshold of
±2.0% and ultra-low supply current.
Internal circuit contains a precision voltage reference, a comparator, resistor network, and an output driver. The AMS26 has an
NPN open collector output. The detector threshold is set from 1.45V to 4.6V in 0.05V increments and 4.6V to 7.9 in 0.1V
increments. Also available from 7.9V to 12V in 170mV increments, thus making it easy to use in a variety of supervisory
applications including microprocessor reset circuits, memory battery back-up circuit, battery checker, power failure detector
and portable and battery powered electronics.
AMS26 is available in TO-92 and the sub-miniature 3-pin SOT-23 surface mount package.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
OPERATING
TYPE
TO-92
3 LEAD SOT-23
TEMPERATURE RANGE
OPEN DRAIN
AMS26N-XA
AMS26M-XA
-30 to +80
° C
X= Detector Threshold Setting.
PIN CONNECTIONS
TO-92
3L SOT-23
Plastic Package (N)
(M)
1
2
3
VOUT
VIN
GND
VOUT
GND
VIN
Bottom View
Top View


Número de pieza similar - AMS26N-XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS26N-A ADMOS-AMS26N-A Datasheet
35Kb / 4P
   VOLTAGE DETECTOR
More results

Descripción similar - AMS26N-XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com