Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMS385AL Datasheet(PDF) 7 Page - Advanced Monolithic Systems |
|
AMS385AL Datasheet(HTML) 7 Page - Advanced Monolithic Systems |
7 / 8 page Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 AMS285/AMS385 PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted. 3 LEAD TO-92 PLASTIC PACKAGE (N) 8 LEAD SOIC PLASTIC PACKAGE (S) 0.140±0.010 (3.556±0.127) 0.060±0.010 (1.524±0.254) 0.015±0.002 (0.381±0.051) 0.016±0.003 (0.406±0.076) 0.050±0.005 (1.270±0.127) 0.060±0.005 (1.524±0.127) DIA 0.180±0.005 (4.572±0.127) 0.180±0.005 (4.572±0.127) 0.050 (1.270) MAX 0.500 (12.70) MIN UNCONTROLLED LEAD DIMENSIONS 10° NOM 5° NOM N (TO-92 ) AMS DRW# 042391 0.90 (2.286) NOM 0°-8° TYP 0.010-0.020 (0.254-0.508) S (SO-8 ) AMS DRW# 042293 x 45° 0.016-0.050 (0.406-1.270) 0.008-0.010 (0.203-0.254) 0.004-0.010 (0.101-0.254) 0.014-0.019 (0.355-0.483) 0.053-0.069 (1.346-1.752) 0.050 (1.270) TYP 0.150-0.157** (3.810-3.988) 0.228-0.244 (5.791-6.197) 0.189-0.197* (4.801-5.004) *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE 12 3 4 87 6 5 |
Número de pieza similar - AMS385AL |
|
Descripción similar - AMS385AL |