Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74AC164ME4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CD74AC164ME4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 16 page 5 Prerequisite For Switching Function PARAMETER SYMBOL VCC (V) -40oC TO 85oC -55oC TO 125oC UNITS MIN MAX MIN MAX AC TYPES Max. Clock Frequency fMAX 1.5 7 - 6 - MHz 3.3 (Note 9) 62 - 54 - MHz 5 (Note 10) 86 - 75 - MHz MR Pulse Width tW 1.5 49 - 56 - ns 3.3 5.5 - 6.3 - ns 5 3.9 - 4.5 - ns CP Pulse Width tW 1.5 73 - 84 - ns 3.3 8.2 - 9.4 - ns 5 5.9 - 6.7 - ns Set-up Time tSU 1.5 27 - 31 - ns 3.3 3.1 - 3.5 - ns 5 2.2 - 2.5 - ns Hold Time tH 1.5 27 - 31 - ns 3.3 3.1 - 3.5 - ns 5 2.2 - 2.5 - ns MR to CP Removal Time tREM 1.5 1 - 1 - ns 3.3 1 - 1 - ns 51 - 1 - ns ACT TYPES Max. Clock Frequency fMAX 5 (Note 10) 80 - 70 - MHz MR Pulse Width tW 5 3.9 - 4.5 - ns CP Pulse Width tW 5 6.2 - 7.1 - ns Set-up Time tSU 5 2.2 - 2.5 - ns Hold Time tH 5 2.6 - 3 - ns MR to CP Removal Time tREM 50 - 0 - ns Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) PARAMETER SYMBOL VCC (V) -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN TYP MAX AC TYPES Propagation Delay, CP to Qn tPLH, tPHL 1.5 - - 143 - - 157 ns 3.3 (Note 9) 4.5 - 15.9 4.4 - 17.5 ns 5 (Note 10) 3.2 - 11.4 3.1 - 12.5 ns CD54/74AC164, CD54/74ACT164 |
Número de pieza similar - CD74AC164ME4 |
|
Descripción similar - CD74AC164ME4 |